Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 19Page - STMicroelectronics STLS2F01 Datasheet HTML 20Page - STMicroelectronics STLS2F01 Datasheet HTML 21Page - STMicroelectronics STLS2F01 Datasheet HTML 22Page - STMicroelectronics STLS2F01 Datasheet HTML 23Page - STMicroelectronics STLS2F01 Datasheet HTML 24Page - STMicroelectronics STLS2F01 Datasheet HTML 25Page - STMicroelectronics STLS2F01 Datasheet HTML 26Page - STMicroelectronics STLS2F01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
STLS2F01
DDR2 SDRAM controller interface description
23/48
4.4
DDR2 SDRAM parameter format
Since different DDR2 SDRAMs may be used in the system, DDR2 SDRAM needs
configuration after power-on reset. The JESD79-2B standard defines detailed configuration
operation and process. DDR2 is not available before the memory is initialized. Memory
initialization sequence:
1.
System reset, aresetn signal is set 0, all registers content will be initial value.
2.
System reset release, aresetn signal is set 1.
3.
Issue 64-bit write command to configuration register, all 29 registers are configured. If
register CTRL_03 is written in this step, the parameter of start should be set 0.
4.
Issue 64-bit write command to register CTRL_03. Set the parameter of start to 1. Then,
memory controller will send initial instruction to memory automatically.
In the STLS2F01 processor design, after the system motherboard is initialized, the DDR2
SDRAM controller needs configure memory type before the memory is used. Specifically,
corresponding configuration parameters are written into the 29 64-bit registers
corresponding to the physical address 0x0000 0000 0FFF FE00. In one register, one,
multiple or partial parameter data can be included. The configuration register and its
parameters are shown in Table 12 Note: the bits not used are all reserved bits.
Table 12.
DDR SDRAM configuration parameter register format
Parameters
Bits
Default
value
Range
Description
CONF_CTL_00[31:0] Offset: 0x00
DDR2 667:0x00000101
AREFRESH
24:24
0x0
0x0-0x1
Initiate auto-refresh when specified
by AUTO_REFRESH_MODE. Write-
only
AP
16:16
0x0
0x0-0x1
Enable auto pre-charge mode of
controller.
ADDR_CMP_EN
8:8
0x0
0x0-0x1
Enable address collision detection
for command queue placement logic.
ACTIVE_AGING
0:0
0x0
0x0-0x1
Enable command aging in the
command queue, avoiding low
priority command hungry.
CONF_CTL_00[63:32] Offset: 0x00
DDR2 667:0x01000100
DDR2_SDRAM_MODE
56:56
0x0
0x0-0x1
DDRI or DDRII mode.
CONCURRENTAP
48:48
0x0
0x0-0x1
Allow controller to issue command to
other banks while a bank is in auto
pre-charge. Note: most DDR2 DIMM
vendor do not support this feature.
BANK_SPLIT_EN
40:40
0x0
0x0-0x1
Enable bank splitting for command
queue placement logic.
AUTO_REFRESH_MODE
32:32
0x0
0x0-0x1
Sets if auto-refresh will be at next
burst or next command boundary.
CONF_CTL_01[31:0] Offset: 0x10
DDR2 667:0x00010000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com