Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 1 Page - STMicroelectronics

  STLS2F01 Datasheet HTML 1Page - STMicroelectronics STLS2F01 Datasheet HTML 2Page - STMicroelectronics STLS2F01 Datasheet HTML 3Page - STMicroelectronics STLS2F01 Datasheet HTML 4Page - STMicroelectronics STLS2F01 Datasheet HTML 5Page - STMicroelectronics STLS2F01 Datasheet HTML 6Page - STMicroelectronics STLS2F01 Datasheet HTML 7Page - STMicroelectronics STLS2F01 Datasheet HTML 8Page - STMicroelectronics STLS2F01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
May 2008
Rev 1
1/48
1
STLS2F01
Loongson 2F:
High performance 64-bit superscalar MIPS® microprocessor
Features
64-bit superscalar architecture
900 MHz clock frequency
Single/double precision floating-point units
New streaming multimedia instruction set
support (SIMD)
64 Kbyte instruction cache, 64 Kbyte data
cache, on-chip 512 Kbyte unified L2 cache
On chip DDR2-667 and PCI-X controller
4 W @ 900 MHz power consumption:
– Best in class for power management
– Voltage/frequency scaling
– Stand-by mode support
– L2 cache disable/enable option
Leading edge 90 nm process technology
27x27 heat spreader flip-chip BGA package
MIPS based instruction set (MIPS III
compatible)
Description
The STLS2F01 is a MIPS based 64-bit
superscalar microprocessor, able to issue four
instructions per clock cycle among six functional
units: two integer, two single/double-precision
floating-point, one 64bit SIMD and one load/store
unit.
The micro architecture is organized with nine-
stage of pipeline and support of dynamic branch
prediction.
The memory hierarchy is composed by the first
level of 64 Kbyte 4-way set associative caches for
instructions and data, the second level of
512 Kbyte unified 4-way set associative cache
and the memory management unit (MMU) with
translation lookaside buffer (TLB).
The Loongson microprocessor family is the
outcome of a successful collaboration started in
2004 between STMicroelectronics and the
Institute of Computing Technology, part of the
Chinese Academy of Science. Loongson
microprocessors were co-developed by
STMicroelectronics and the Institute of
Computing Technology to address all the
applications requiring high level of performance
and low power dissipation.
Compared to the STLS2E02 processor, the
STLS2F01 has an enhanced architecture
providing higher performance, reduced power
consumption, integrated DDR2 memory controller
and PCI-X bus interface.
HFCBGA452 (27x27x2.9mm)
Table 1.
Device summary
Part numbers
Package
Packing
STLS2F01
HFCBGA452 (27x27x2.9mm)
Tray
www.st.com


Similar Part No. - STLS2F01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLS2F02 STMICROELECTRONICS-STLS2F02 Datasheet
725Kb / 49P
Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
28-Jul-2008
More results

Similar Description - STLS2F01

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000B PMC-RM7000B Datasheet
36Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000C PMC-RM7000C Datasheet
37Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A PMC-RM7065A Datasheet
52Kb / 4P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
logo
STMicroelectronics
STLS2E02 STMICROELECTRONICS-STLS2E02 Datasheet
113Kb / 5P
Loongson 2E: 700MHz 64-bit superscalar MIPS® based microprocessor
26-Apr-2007
STLS2F02 STMICROELECTRONICS-STLS2F02 Datasheet
725Kb / 49P
Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
28-Jul-2008
logo
Intel Corporation
A80960CF33 INTEL-A80960CF33 Datasheet
1Mb / 70P
80960CF-40, -33, -25 32-Bit High-Performance Superscalar Embedded Microprocessor
logo
PMC-Sierra, Inc
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM7065A-1 PMC-RM7065A-1 Datasheet
38Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com