Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 9Page - STMicroelectronics STLS2F01 Datasheet HTML 10Page - STMicroelectronics STLS2F01 Datasheet HTML 11Page - STMicroelectronics STLS2F01 Datasheet HTML 12Page - STMicroelectronics STLS2F01 Datasheet HTML 13Page - STMicroelectronics STLS2F01 Datasheet HTML 14Page - STMicroelectronics STLS2F01 Datasheet HTML 15Page - STMicroelectronics STLS2F01 Datasheet HTML 16Page - STMicroelectronics STLS2F01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
STLS2F01
Interface description
13/48
2.6
Interrupt signals
The STLS2F01 processor supports up to 12 external interrupts and one non-maskable
interrupt (NMI). There are 4 PCI interrupt signals, 4 special interrupt signals and 4
configurable GPIO interrupt. In addition, there are 3 internal interrupts, two PCI bus error
report signals and one DDR2 control interrupt. When an interrupt takes place, the processor
handles the exception. Table 6 shows the names, definitions, directions and descriptions of
the interrupt signals.
2.7
JTAG signals
The STLS2F01 provides a JTAG-compliant boundary scan interface. The JTAG interface is
particularly suitable for testing the processor pins for connectivity. The Table 7 provides the
names, definitions, directions and descriptions of the JTAG signals.
2.8
Test and control signals
On the STLS2F01 chip, the test signals are only used for chip physical test, e.g. scan chain
test. When the chip works normally, these signals are set invalid 1.
Table 6.
Interrupt interface signals
Name
Input/output
Description
INTn[3:0]
I
4 external interrupt signals. OR operations are performed
on these signals with interrupt register from bit 5 to bit 2
separately.
NMIn
I
NMI. An OR operation is performed on the NOT-value of
this signal and the interrupt register’s 6th bit.
GPIO[3:0]
I/O
These interrupts should be enabled in the interrupt
controller and can be configured as different active power
level and different trigger mode. These interrupts could be
routed to interrupt register bit 0/1.
PCI_IRQ[3:0]
I
These interrupts should be enabled in the interrupt
controller and low active. These interrupts could be routed
to interrupt register bit 0/1.
PCI_PERR
I/O
PCI bus parity error, high pulse active. These interrupts
could be routed to interrupt register bit 0/1.
PCI_SERR
I/O
PCI bus error, high pulse active. These interrupts could be
routed to interrupt register bit 0/1.
Table 7.
JTAG interface signals
Name
Input/output
Description
TDI
I
JTAG serial scan data input
TDO
O
JTAG serial scan data input
TMS
I
JTAG Command, indicating that the input serial data is a
command.
TCK
I
TAG serial scan clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com