Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 29Page - STMicroelectronics STLS2F01 Datasheet HTML 30Page - STMicroelectronics STLS2F01 Datasheet HTML 31Page - STMicroelectronics STLS2F01 Datasheet HTML 32Page - STMicroelectronics STLS2F01 Datasheet HTML 33Page - STMicroelectronics STLS2F01 Datasheet HTML 34Page - STMicroelectronics STLS2F01 Datasheet HTML 35Page - STMicroelectronics STLS2F01 Datasheet HTML 36Page - STMicroelectronics STLS2F01 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
STLS2F01
DDR2 SDRAM controller interface description
33/48
Note:
1.
CONF_CTL_00 AP
The parameter determines whether the auto pre-charge function is enabled. Once the
function is enabled, memory will close the page, after each write/read instruction. If
mass continuous address operation happens, the parameter will caused the
performance degradation.
2.
CONF_CTL_00 CONCURRENTAP
The parameter determines whether the concurrent auto pre-charge function is enabled.
Most of SDRAM vendors do not support this feature.
3.
CONF_CTL_03 SREFRESH
The parameter is used set the self-refresh style. It must be set 0, when returning from
self-refresh.
4.
CONF_CTL_07 CASLAT_LIN_GATE
The parameter is used to control the data sample of memory controller when read
PORT_CMD_ERROR_ADDR[31
:0]
31:0
0x0
0x0-
0x1ffffffff
Address of port that caused the
PORT command error. Read-only.
CONF_CTL_24[63:32]
Offset: 0x180
DDR2 667:0x00000000
PORT_CMD_ERROR_ADDR[36
:32]
36:32
0x0
0x0-
0x1ffffffff
Address of port that caused the
PORT command error. Read-only
CONF_CTL_25[31:0]
Offset: 0x190
DDR2 667:0x00000000
ECC_C_DATA[31:0]
31:0
0x0
0x0-
0x1ffffffff
Data associated with correctable
ECC event. Read-only.
CONF_CTL_25[63:32]
Offset: 0x190
DDR2 667:0x00000000
ECC_C_DATA[63:32]
63:32
0x0
0x0-
0x1ffffffff
Data associated with correctable
ECC event. Read-only.
CONF_CTL_26[31:0]
Offset: 0x1a0
DDR2 667:0x00000000
ECC_U_DATA[31:0]
31:0
0x0
0x0-
0x1ffffffff
Data associated with uncorrectable
ECC event. Read-only.
CONF_CTL_26[63:32]
Offset: 0x1a0
DDR2 667:0x00000000
ECC_U_DATA[63:32]
63:32
0x0
0x0-
0x1ffffffff
Data associated with uncorrectable
ECC event. Read-only.
CONF_CTL_27[63:32]
Offset: 0x1b0
DDR2 667:0x00000000
CKE_DELAY
2:0
0x0
0x0-0x7
Additional cycles to delay CKE for
status reporting.
CONF_CTL_28[63:32]
Offset: 0x1c0
DDR2 667:0x00000001
UB_DIMM
0:0
0x0
0x0-0x1
Enable unbuffered DIMM.
Table 12.
DDR SDRAM configuration parameter register format (continued)
Parameters
Bits
Default
value
Range
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com