Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 24Page - STMicroelectronics STLS2F01 Datasheet HTML 25Page - STMicroelectronics STLS2F01 Datasheet HTML 26Page - STMicroelectronics STLS2F01 Datasheet HTML 27Page - STMicroelectronics STLS2F01 Datasheet HTML 28Page - STMicroelectronics STLS2F01 Datasheet HTML 29Page - STMicroelectronics STLS2F01 Datasheet HTML 30Page - STMicroelectronics STLS2F01 Datasheet HTML 31Page - STMicroelectronics STLS2F01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
DDR2 SDRAM controller interface description
STLS2F01
28/48
ODT_WR_MAP_CS2
51:48
0x0
0x0-0xf
ODT chip select 2 map for writes.
Determines which chip(s) will have
termination when a write occurs on
chip 2.
ODT_WR_MAP_CS1
43:40
0x0
0x0-0xf
ODT chip select 1 map for writes.
Determines which chip(s) will have
termination when a write occurs on
chip 1.
ODT_WR_MAP_CS0
35:32
0x0
0x0-0xf
ODT chip select 0 map for writes.
Determines which chip(s) will have
termination when a write occurs on
chip 0.
CONF_CTL_09[31:0]
Offset: 0x90
DDR2 667:0x00000000
PORT_DATA_ERROR_ID
27:24
0x0
0x0-0xf
Port number of command that
caused the PORT data error. Read-
only
PORT_CMD_ERROR_TYPE
19:16
0x0
0x0-0xf
Type of error and access type that
caused the PORT command error.
Read-only)
PORT_CMD_ERROR_ID
11:8
0x0
0x0-0xf
Port number of command that
caused the PORT command error.
Read-only
OUT_OF_RANGE_SOURCE_I
D
3:0
0x0
0x0-0xf
Source ID of command that caused
an Out-of-Range interrupt. Read-
only
CONF_CTL_09[63:32]
Offset: 0x90
DDR2 667:0x0000050b
OCD_ADJUST_PUP_CS0
60:56
0x0
0x0-0x1f
OCD pull-up adjust setting for
DRAMs for chip select 0.
OCD_ADJUST_PDN_CS0
52:48
0x0
0x0-0x1f
OCD pull-down adjust setting for
DRAMs for chip select 0.
TRP
43:40
0x0
0x0-0xf
DRAM TRP parameter in cycles.
TDAL
35:32
0x0
0x0-0xf
DRAM TDAL parameter in cycles.
CONF_CTL_10[31:0]
Offset: 0xa0
DDR2 667:0x3f130200
AGE_COUNT
29:24
0x0
0x0-0x3f
Initial value of master aging-rate
counter for command aging.
TRC
20:16
0x0
0x0-0x1f
DRAM TRC parameter in cycles.
TMRD
12:8
0x0
0x0-0x1f
DRAM TMRD parameter in cycles.
TFAW
4:0
0x0
0x0-0x1f
DRAM TFAW parameter in cycles.
CONF_CTL_10[63:32]
Offset: 0xa0
DDR2 667:0x1d1d1d3f
DLL_DQS_DELAY_2
62:56
0x0
0x0-0x7f
Fraction of a cycle to delay the DQS
signal from the DRAMs for
dll_rd_dqs_slice 2 during reads.
Table 12.
DDR SDRAM configuration parameter register format (continued)
Parameters
Bits
Default
value
Range
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com