Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 10Page - STMicroelectronics STLS2F01 Datasheet HTML 11Page - STMicroelectronics STLS2F01 Datasheet HTML 12Page - STMicroelectronics STLS2F01 Datasheet HTML 13Page - STMicroelectronics STLS2F01 Datasheet HTML 14Page - STMicroelectronics STLS2F01 Datasheet HTML 15Page - STMicroelectronics STLS2F01 Datasheet HTML 16Page - STMicroelectronics STLS2F01 Datasheet HTML 17Page - STMicroelectronics STLS2F01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Interface description
STLS2F01
14/48
2.9
Clock signals
For information about clock on the STLS2F01 chip, see Table 8. The processor has three
system input clock signals. (SYSCLK, MEMCLK and PCI_CLK) The TESTCLK is only used
for chip test. The CPU core clock and DDR2 control clock are generated separately by PLL
using SYSCLK and MEMCLK. The frequency division is controlled by CLKSEL. For more
about the division factor, see Table 9 and Table 10.
Table 8.
Clock signals
Name
Input/output
Description
SYSCLK
I
System input clock, which drives the built-in PLL to
generate core clock. It also used as clock of system reset
circuit.
MEMCLK
I
DDR2 controller input clock, which is used by the built-in
PLL to generate DDR2 control clock.
CLKSEL[4:0]
I
PLL frequency division control signal of core clock, see
Table 9.
CLKSEL[9:5]
I
PLL frequency division control signal of DDR2 controller
clock, see
Table 10.
PCI_CLK
I
Clock for PCI and Local bus interface.
Table 9.
Processor internal/external frequency configuration
CLKSEL[4:0]
Multi.
factor
Input frequency
range (MHz)
CLKSEL[4:0]
Multi.
factor
Input frequency
range (MHz)
11xxx
1
-
10000
2.25
88.9~177.8
01100
6.5
61.5~123.1
10001
2.5
80.0~160.0
01101
7
57.1~114.3
10010
2.75
72.7~145.5
01110
7.5
53.3~106.7
10011
3
66.7~133.3
01111
8
50.0~100.0
10100
3.25
61.5~123.1
00000
9
88.9~177.8
10101
3.5
57.1~114.3
00001
10
80.0~160.0
10110
3.75
53.3~106.7
00010
11
72.7~145.5
10111
4
50.0~100.0
00011
12
66.7~133.3
01000
4.5
88.9~177.8
00100
13
61.5~123.1
01001
5
80.0~160.0
00101
14
57.1~114.3
01010
5.5
72.7~145.5
00110
15
53.3~106.7
01011
6
66.7~133.3
00111
16
50.0~100.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com