Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 35Page - STMicroelectronics STLS2F01 Datasheet HTML 36Page - STMicroelectronics STLS2F01 Datasheet HTML 37Page - STMicroelectronics STLS2F01 Datasheet HTML 38Page - STMicroelectronics STLS2F01 Datasheet HTML 39Page - STMicroelectronics STLS2F01 Datasheet HTML 40Page - STMicroelectronics STLS2F01 Datasheet HTML 41Page - STMicroelectronics STLS2F01 Datasheet HTML 42Page - STMicroelectronics STLS2F01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
STLS2F01
Electrical characteristics
39/48
6.4
AC parameters
Table 17.
Clock parameters
(Test Conditions: SYSCLK=100 MHz, PCICLK=133 MHz, MEMCLK=333 MHz,
CoreClk=1000 MHz)
Parameter
Min
Typ
Max
Unit
SYSCLK High Level Time
2
5
8
ns
SYSCLK Low Level Time
2
8
ns
SYSCLK Rising Time
1
1
ns
SYSCLK Falling Time
1
1
ns
SYSCLK Cycle Variation
±300
ps
PCI_CLK High Level Time
3
ns
PCI_CLK Low Level Time
3
ns
PCI_CLK Rising Slew
1.5
V/ns
PCI_CLK Falling Slew
1.5
V/ns
PCI_CLK Cycle Variation
±500
ps
MEMCLK High Level Time
1.41
1.59
ns
MEMCLK Low Level Time
1.41
1.59
ns
MEMCLK Rising Slew
1
V/ns
MEMCLK Falling Slew
1
V/ns
MEMCLK Cycle Variation
±225
ps
DQS High Level Time
1.35
1.65
ns
DQS Low Level Time
1.35
1.65
ns
DQS Rising Slew
1
V/ns
DQS Falling Slew
1
V/ns
DQS Cycle Variation
±225
ps
Table 18.
Input setup and hold time
(Test Conditions: SYSCLK=100 MHz, PCICLK=133 MHz, MEMCLK=333 MHz,
CoreClk=1000 MHz)
Parameter
Min
Tpy
Max
Unit
PCI_* Signals Setup Time
1.2
ns
PCI_* Signals Hold Time
0.5
ns
LIO_* Signals Setup Time
1.2
ns
LIO_* Signals Hold Time
0.5
ns
DDR2_DQ*/CB* Signals Setup Time
0.1
ns
DDR2_DQ*/CB* Signals Hold Time
0.175
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com