Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 18Page - STMicroelectronics STLS2F01 Datasheet HTML 19Page - STMicroelectronics STLS2F01 Datasheet HTML 20Page - STMicroelectronics STLS2F01 Datasheet HTML 21Page - STMicroelectronics STLS2F01 Datasheet HTML 22Page - STMicroelectronics STLS2F01 Datasheet HTML 23Page - STMicroelectronics STLS2F01 Datasheet HTML 24Page - STMicroelectronics STLS2F01 Datasheet HTML 25Page - STMicroelectronics STLS2F01 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
DDR2 SDRAM controller interface description
STLS2F01
22/48
Figure 7.
DDR2 SDRAM read protocol
CAS latency = 3, read latency = 3, burst length = 8
4.3
DDR2 SDRAM write protocol
As showed in Figure 8 DDR2 SDRAM write protocol, the command (CMD) includes RAS_n,
CAS_n and WE_n. When a write request happens, RAS_n=1, CAS_n=0,and WE_n=0.
Unlike a read transaction, DQM is used to identify the write mask. In other words, the
number of written bytes is needed. DQM is synchronous with DQS.
Figure 8.
DDR2 SDRAM write protocol
CAS latency = 3, write latency = read latency = 2, burst length = 4
CMD
READ A
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
≤ tDQSCK
CL=3
RL=3
DOUTA1
DOUTA1
DOUTA2
DOUTA3
DOUTA4
DOUTA5
DOUTA6
DOUTA7
T0
T1
T2
T3
T4
T5
T6
T7
T8
CK/CK
DQS/DQS
DQS
CMD
WRITE A
NOP
NOP
NOP
NOP
NOP
Precharge
NOP
Bank A
Activate
≤ tDQS6
WL = RL - 1 = 2
DINA0
DINA1
DINA2
DINA3
T0
T1
T2
T3
T4
T5
T6
T7
Tn
CK/CK
DQS/DQS
DQS
≥ WR
≥ tRP
Completion of
the Burst Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com