Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 189Page - Renesas Technology Corp R8C2K Datasheet HTML 190Page - Renesas Technology Corp R8C2K Datasheet HTML 191Page - Renesas Technology Corp R8C2K Datasheet HTML 192Page - Renesas Technology Corp R8C2K Datasheet HTML 193Page - Renesas Technology Corp R8C2K Datasheet HTML 194Page - Renesas Technology Corp R8C2K Datasheet HTML 195Page - Renesas Technology Corp R8C2K Datasheet HTML 196Page - Renesas Technology Corp R8C2K Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 176 of 450
REJ09B0406-0110
16.3.2
Registers Associated with Timer RC
Table 16.13 lists the Registers Associated with Timer RC. Figures 16.28 to 16.38 show details of the registers
associated with timer RC.
− : Invalid
Table 16.13
Registers Associated with Timer RC
Address
Symbol
Mode
Related Information
Timer
PWM
PWM2
Input
Capture
Function
Output
Compare
Function
00F7h
PINSR3
Valid
Valid
Valid
Valid
Pin Select Register 3
Figure 16.28 PINSR3 Register
0120h
TRCMR
Valid
Valid
Valid
Valid
Timer RC mode register
Figure 16.29 TRCMR Register
0121h
TRCCR1
Valid
Valid
Valid
Valid
Timer RC control register 1
Figure 16.30 TRCCR1 Register
Figure 16.51 TRCCR1 Register for Output
Compare Function
Figure 16.54 TRCCR1 Register in PWM Mode
Figure 16.58 TRCCR1 Register in PWM2 Mode
0122h
TRCIER
Valid
Valid
Valid
Valid
Timer RC interrupt enable register
Figure 16.31 TRCIER Register
0123h
TRCSR
Valid
Valid
Valid
Valid
Timer RC status register
Figure 16.32 TRCSR Register
0124h
TRCIOR0
Valid
Valid
−−
Timer RC I/O control register 0, timer RC I/O
control register 1
Figure 16.38 Registers TRCIOR0 and TRCIOR1
Figure 16.45 TRCIOR0 Register for Input
Capture Function
Figure 16.46 TRCIOR1 Register for Input
Capture Function
Figure 16.49 TRCIOR0 Register for Output
Compare Function
Figure 16.50 TRCIOR1 Register for Output
Compare Function
0125h
TRCIOR1
0126h
0127h
TRC
Valid
Valid
Valid
Valid
Timer RC counter
Figure 16.33 TRC Register
0128h
0129h
TRCGRA
Valid
Valid
Valid
Valid
Timer RC general registers A, B, C, and D
Figure 16.34 Registers TRCGRA, TRCGRB,
TRCGRC, and TRCGRD
012Ah
012Bh
TRCGRB
012Ch
012Dh
TRCGRC
012Eh
012Fh
TRCGRD
0130h
TRCCR2
−−
−
Valid
Timer RC control register 2
Figure 16.35 TRCCR2 Register
0131h
TRCDF
Valid
−−
Valid
Timer RC digital filter function select register
Figure 16.36 TRCDF Register
0132h
TRCOER
−
Valid
Valid
Valid
Timer RC output mask enable register
Figure 16.37 TRCOER Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com