Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 192Page - Renesas Technology Corp R8C2K Datasheet HTML 193Page - Renesas Technology Corp R8C2K Datasheet HTML 194Page - Renesas Technology Corp R8C2K Datasheet HTML 195Page - Renesas Technology Corp R8C2K Datasheet HTML 196Page - Renesas Technology Corp R8C2K Datasheet HTML 197Page - Renesas Technology Corp R8C2K Datasheet HTML 198Page - Renesas Technology Corp R8C2K Datasheet HTML 199Page - Renesas Technology Corp R8C2K Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 179 of 450
REJ09B0406-0110
Figure 16.31
TRCIER Register
Timer RC Interrupt Enable Register
Symbol
Address
After Reset
TRCIER
0122h
01110000b
Bit Symbol
Bit Name
Function
RW
0 : Disable interrupt (IMID) by the
IMFD bit
1 : Enable interrupt (IMID) by the
IMFD bit
Input capture / compare match
interrupt enable bit C
0 : Disable interrupt (IMIC) by the
IMFC bit
1 : Enable interrupt (IMIC) by the
IMFC bit
RW
Overflow interrupt enable bit
0 : Disable interrupt (OVI) by the
OVF bit
1 : Enable interrupt (OVI) by the
OVF bit
—
(b6-b4)
—
RW
OVIE
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
RW
Input capture / compare match
interrupt enable bit D
RW
IMIEB
RW
Input capture / compare match
interrupt enable bit A
0 : Disable interrupt (IMIA) by the
IMFA bit
1 : Enable interrupt (IMIA) by the
IMFA bit
Input capture / compare match
interrupt enable bit B
0 : Disable interrupt (IMIB) by the
IMFB bit
1 : Enable interrupt (IMIB) by the
IMFB bit
IMIEA
b7 b6 b5 b4 b3 b2
IMIED
b1 b0
IMIEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com