Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 191Page - Renesas Technology Corp R8C2K Datasheet HTML 192Page - Renesas Technology Corp R8C2K Datasheet HTML 193Page - Renesas Technology Corp R8C2K Datasheet HTML 194Page - Renesas Technology Corp R8C2K Datasheet HTML 195Page - Renesas Technology Corp R8C2K Datasheet HTML 196Page - Renesas Technology Corp R8C2K Datasheet HTML 197Page - Renesas Technology Corp R8C2K Datasheet HTML 198Page - Renesas Technology Corp R8C2K Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 178 of 450
REJ09B0406-0110
Figure 16.30
TRCCR1 Register
Timer RC Control Register 1
Symbol
Address
After Reset
TRCCR1
0121h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3. The TRC counter performs free-running operation for the input capture function of the timer mode independent of the
CCLR bit setting.
Count source select bits(1)
b6 b5 b4
0 0 0 : f1
0 0 1 : f2
0 1 0 : f4
0 1 1 : f8
1 0 0 : f32
1 0 1 : TRCCLK input rising edge
1 1 0 : fOCO40M
1 1 1 : Do not set.
0 : Disable clear (free-running
operation)
1 : Clear by compare match in the
TRCGRA register
Bits CCLR, TOA, TOB, TOC and TOD are disabled for the input capture function of the timer mode.
TCK0
TCK1
RW
TRC counter clear select bit(2, 3)
TCK2
Set to these bits w hen the TSTART bit in the TRCMR register is set to 0 (count stops).
TOC
RW
RW
RW
RW
TRCIOD output level select bit(1)
CCLR
RW
TRCIOC output level select bit(1)
RW
TOB
RW
TRCIOA output level select bit(1)
TRCIOB output level select bit(1)
Function varies according to the
operating mode (function).(2)
b7 b6 b5 b4 b3 b2
TOD
b1 b0
TOA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com