Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 190Page - Renesas Technology Corp R8C2K Datasheet HTML 191Page - Renesas Technology Corp R8C2K Datasheet HTML 192Page - Renesas Technology Corp R8C2K Datasheet HTML 193Page - Renesas Technology Corp R8C2K Datasheet HTML 194Page - Renesas Technology Corp R8C2K Datasheet HTML 195Page - Renesas Technology Corp R8C2K Datasheet HTML 196Page - Renesas Technology Corp R8C2K Datasheet HTML 197Page - Renesas Technology Corp R8C2K Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 177 of 450
REJ09B0406-0110
Figure 16.28
PINSR3 Register
Figure 16.29
TRCMR Register
Pin Select Register 3
Symbol
Address
After Reset
PINSR3
00F7h
Undefined
RW
WO
Function
Set to “1Fh” w hen using Timer RC.
Do not set values other than “1Fh”.
When read, its content is undefined.
b0
b7
Timer RC Mode Register
(1)
Symbol
Address
After Reset
TRCMR
0120h
01001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
—
RW
TSTART
RW
TRC count start bit
0 : Count stops
1 : Count starts
PWM mode of TRCIOB select bit(2)
0 : Timer mode
1 : PWM mode
TRCGRC register function select
bit(3)
PWM mode of TRCIOC select bit(2)
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
—
(b6)
BFC
b7 b6 b5 b4
RW
RW
PWMB
0 : General register
1 : Buffer register of TRCGRA register
TRCGRD register function select
bit
0 : General register
1 : Buffer register of TRCGRB register
0 : Timer mode
1 : PWM mode
RW
PWMD
PWM mode of TRCIOD select bit(2)
b3 b2
BFD
b1 b0
PWMC
These bits are enabled w hen the PWM2 bit is set to 1 (timer mode or PWM mode).
3. Set the BFC bit to 0 (general register) in PWM2 mode.
0 : Timer mode
1 : PWM mode
RW
PWM2
PWM2 mode select bit
0 : PWM 2 mode
1 : Timer mode or PWM mode
RW
For notes on PWM2 mode, refer to 16.3.9.5 TRCMR Register in PWM2 Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com