Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 357 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 353Page - Renesas Technology Corp M32C/8B Datasheet HTML 354Page - Renesas Technology Corp M32C/8B Datasheet HTML 355Page - Renesas Technology Corp M32C/8B Datasheet HTML 356Page - Renesas Technology Corp M32C/8B Datasheet HTML 357Page - Renesas Technology Corp M32C/8B Datasheet HTML 358Page - Renesas Technology Corp M32C/8B Datasheet HTML 359Page - Renesas Technology Corp M32C/8B Datasheet HTML 360Page - Renesas Technology Corp M32C/8B Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 406 page
background image
Under development
M32C/8B Group
24. Electrical Characteristics
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 340 of 385
Switching Characteristics
(VCC1 = VCC2 = 4.2 to 5.5 V, VSS = 0 V, Topr = -20 to 85
°C unless otherwise specified)
Table 24.28
Memory Expansion Mode and Microprocessor Mode
(when accessing external memory space with multiplexed bus)
NOTES:
1. Values, which depend on BCLK frequency, can be obtained from the following equations.
109
f(BCLK) × 2
- 10 [ns]
th(RD-AD)
=
109
f(BCLK) × 2
- 10 [ns]
th(WR-AD) =
109
f(BCLK) × 2
- 10 [ns]
th(RD-CS)
=
109
f(BCLK) × 2
- 10 [ns]
th(WR-CS) =
109
f(BCLK) × 2
- 10 [ns]
th(WR-DB) =
2. Values, which depend on BCLK frequency and external bus cycles, can be obtained from the following equation.
109 × m
f(BCLK) × 2
- 25 [ns] (if external bus cycle is a
φ + bφ, m = (b × 2) - 1)
td(DB-WR) =
3. Values, which depend on BCLK frequency and external bus cycles, can be obtained from the following equation.
109 × n
f(BCLK) × 2
- 20 [ns] (if external bus cycle is a
φ + bφ, n = a)
td(AD-ALE) =
4. Values, which depend on BCLK frequency and external bus cycles, can be obtained from the following equation.
109 × n
f(BCLK) × 2
- 10 [ns] (if external bus cycle is a
φ + bφ, n = a)
th(ALE-AD) =
5. tc [ns] is added when recovery cycle is inserted.
Symbol
Parameter
Measurement
Condition
Standard
Unit
Min.
Max.
td(BCLK-AD)
Address output delay time
See Figure
24.2
18
ns
th(BCLK-AD)
Address output hold time (BCLK standard)
-3
ns
th(RD-AD)
Address output hold time (RD standard)(5)
(note 1)
ns
th(WR-AD)
Address output hold time (WR standard)(5)
(note 1)
ns
td(BCLK-CS)
Chip-select signal output delay time
18
ns
th(BCLK-CS)
Chip-select signal output hold time (BCLK standard)
-3
ns
th(RD-CS)
Chip-select signal output hold time (RD standard)(5)
(note 1)
ns
th(WR-CS)
Chip-select signal output hold time (WR standard)(5)
(note 1)
ns
td(BCLK-RD)
RD signal output delay time
18
ns
th(BCLK-RD)
RD signal output hold time
-5
ns
td(BCLK-WR)
WR signal output delay time
18
ns
th(BCLK-WR)
WR signal output hold time
-5
ns
td(DB-WR)
Data output delay time (WR standard)
(note 2)
ns
th(WR-DB)
Data output hold time (WR standard)(5)
(note 1)
ns
td(BCLK-ALE)
ALE signal output delay time (BCLK standard)
18
ns
th(BCLK-ALE)
ALE signal output hold time (BCLK standard)
-2
ns
td(AD-ALE)
ALE signal output delay time (address standard)
(note 3)
ns
th(ALE-AD)
ALE signal output hold time (address standard)
(note 4)
ns
tdz(RD-AD)
Address output float start time
8
ns
VCC1 = VCC2 = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com