Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 353 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 349Page - Renesas Technology Corp M32C/8B Datasheet HTML 350Page - Renesas Technology Corp M32C/8B Datasheet HTML 351Page - Renesas Technology Corp M32C/8B Datasheet HTML 352Page - Renesas Technology Corp M32C/8B Datasheet HTML 353Page - Renesas Technology Corp M32C/8B Datasheet HTML 354Page - Renesas Technology Corp M32C/8B Datasheet HTML 355Page - Renesas Technology Corp M32C/8B Datasheet HTML 356Page - Renesas Technology Corp M32C/8B Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 406 page
background image
Under development
M32C/8B Group
24. Electrical Characteristics
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 336 of 385
Timing Requirements
(VCC1 = VCC2 = 4.2 to 5.5 V, VSS = 0 V, Topr = -20 to 85
°C unless otherwise specified)
Table 24.18
Timer A Input (Counter Increment/Decrement Input in Event Counter Mode)
i = 0 to 4
Table 24.19
Timer A Input (Two-Phase Pulse Input in Event Counter Mode)
i = 0 to 4
Table 24.20
Timer B Input (Count Source Input in Event Counter Mode)
i = 0 to 5
Table 24.21
Timer B Input (Pulse Period Measurement Mode)
i = 0 to 5
Table 24.22
Timer B Input (Pulse Width Measurement Mode)
i = 0 to 5
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(UP)
TAiOUT input cycle time
2000
ns
tw(UPH)
TAiOUT input high (“H”) pulse width
1000
ns
tw(UPL)
TAiOUT input low (“L”) pulse width
1000
ns
tsu(UP-TIN)
TAiOUT input setup time
400
ns
th(TIN-UP)
TAiOUT input hold time
400
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
800
ns
tsu(TAIN-TAOUT)
TAiOUT input setup time
200
ns
tsu(TAOUT-TAIN)
TAiIN input setup time
200
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN input cycle time (counted on one edge)
100
ns
tw(TBH)
TBiIN input high (“H”) pulse width (counted on one edge)
40
ns
tw(TBL)
TBiIN input low (“L”) pulse width (counted on one edge)
40
ns
tc(TB)
TBiIN input cycle time (counted on both edges)
200
ns
tw(TBH)
TBiIN input high (“H”) pulse width (counted on both edges)
80
ns
tw(TBL)
TBiIN input low (“L”) pulse width (counted on both edges)
80
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN input cycle time
400
ns
tw(TBH)
TBiIN input high (“H”) pulse width
200
ns
tw(TBL)
TBiIN input low (“L”) pulse width
200
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN input cycle time
400
ns
tw(TBH)
TBiIN input high (“H”) pulse width
200
ns
tw(TBL)
TBiIN input low (“L”) pulse width
200
ns
VCC1 = VCC2 = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com