Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 351 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 351 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 347Page - Renesas Technology Corp M32C/8B Datasheet HTML 348Page - Renesas Technology Corp M32C/8B Datasheet HTML 349Page - Renesas Technology Corp M32C/8B Datasheet HTML 350Page - Renesas Technology Corp M32C/8B Datasheet HTML 351Page - Renesas Technology Corp M32C/8B Datasheet HTML 352Page - Renesas Technology Corp M32C/8B Datasheet HTML 353Page - Renesas Technology Corp M32C/8B Datasheet HTML 354Page - Renesas Technology Corp M32C/8B Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 406 page
background image
Under development
M32C/8B Group
24. Electrical Characteristics
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 334 of 385
Table 24.11
Voltage Detection Circuit Electrical Characteristics
(VCC1 = VCC2 = 3.0 to 5.5 V, VSS = 0 V, Topr = 25
°C unless otherwise specified)
Table 24.12
Power Supply Timing Characteristics
Figure 24.1
Power Supply Timing Diagram
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
ΔVdet
Detection voltage level accuracy
VCC1 = 3.0 V to 5.5 V
±0.20
V
Symbol
Parameter
Measurement Condition
Standard
Unit
Min.
Typ.
Max.
td(P-R)
Wait time to stabilize internal supply voltage
when power-on
VCC1 = 3.0 to 5.5 V
2
ms
td(E-A)
Start-up time for Vdet detection circuit
VCC1 = 3.0 to 5.5 V
150
μs
td(P-R)
VCC1
CPU clock
Recommended
operating voltage
td(P-R)
Wait time to stabilize internal
supply voltage when power-on
td(E-A)
td(E-A)
Start-up time for Vdet detection
circuit
VDEN
Vdet detection circuit
Stop
Operating
VCC1 = VCC2 = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com