Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 345Page - Renesas Technology Corp M32C/8B Datasheet HTML 346Page - Renesas Technology Corp M32C/8B Datasheet HTML 347Page - Renesas Technology Corp M32C/8B Datasheet HTML 348Page - Renesas Technology Corp M32C/8B Datasheet HTML 349Page - Renesas Technology Corp M32C/8B Datasheet HTML 350Page - Renesas Technology Corp M32C/8B Datasheet HTML 351Page - Renesas Technology Corp M32C/8B Datasheet HTML 352Page - Renesas Technology Corp M32C/8B Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 406 page
background image
Under development
M32C/8B Group
24. Electrical Characteristics
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 332 of 385
Table 24.8
Electrical Characteristics (3/3) (VCC1 = VCC2 = 5.5 V, VSS = 0 V, Topr = 25
°C)
NOTES:
1. In single-chip mode, leave the output pins open and connect the input pins to VSS.
2. When setting the FMSTP bit in the FMR0 register to 1 (flash memory stopped) and running the program on
RAM.
3. When the FMR40 bit in the FMR4 register is set to 1 (low-speed access).
4. When the FMR40 bit is set to 1 and the MRS bit in the VRCR register is set to 1 (main voltage regulator stops).
5. When the MRS bit is set to 1.
6. When the MRS bit is set to 1 and the CM0 bit in the CM03 register is set to 0 (XCIN-XCOUT drive capability
Low).
Symbol Parameter
Condition(1)
Standard
Unit
Min. Typ. Max.
ICC
Power
supply
current
f(CPU) = 32 MHz
26
42
mA
f(CPU) = 16 MHz
16
mA
f(CPU) = 8 MHz
10
mA
f(CPU) = f(Ring)(3)
In on-chip oscillator low-power consumption mode
1.5
mA
In on-chip oscillator low-power consumption mode, flash memory is
stopped(2)
400
μA
f(CPU) = 32 kHz(4)
In low-power consumption mode, flash memory is operating
430
μA
f(CPU) = 32 kHz(5)
In low-power consumption mode, flash memory is stopped(2)
50
μA
Wait mode: f(CPU) = f(Ring)
After entering wait mode from on-chip oscillator low-power
consumption mode
110
μA
Wait mode: f(CPU) = 32kHz(6)
After entering wait mode from low-power consumption mode
10
μA
Stop mode (clock is stopped)
4
TBD
μA
Stop mode (clock is stopped) Topr = 85
°CTBD μA
VCC1 = VCC2 = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com