Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 342Page - Renesas Technology Corp M32C/8B Datasheet HTML 343Page - Renesas Technology Corp M32C/8B Datasheet HTML 344Page - Renesas Technology Corp M32C/8B Datasheet HTML 345Page - Renesas Technology Corp M32C/8B Datasheet HTML 346Page - Renesas Technology Corp M32C/8B Datasheet HTML 347Page - Renesas Technology Corp M32C/8B Datasheet HTML 348Page - Renesas Technology Corp M32C/8B Datasheet HTML 349Page - Renesas Technology Corp M32C/8B Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 406 page
background image
Under development
M32C/8B Group
24. Electrical Characteristics
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 329 of 385
Table 24.4
Recommended Operating Conditions (3/3)
(VCC1 = VCC2 = 3.0 to 5.5 V, Topr = -20 to 85
°C unless otherwise specified)
VCC1 = 3.0 to 5.5V
Table 24.5
Flash Memory Electrical Characteristics (VCC1 = 3.0 V to 5.5 V, Topr = 0 to 60
°C
unless otherwise specified)
NOTES:
1. If erase and program endurance is n times (n = 100), each block can be erased n times. For example, if a 4-
Kbyte block A is erased after programming four-byte data 1,024 times, each to a different address, this counts
as one erase and program time. Data cannot be programmed to the same address more than once without
erasing the block (rewrite prohibited).
2. Prior to accessing registers FMR0 to FMR3 or to entering CPU rewrite mode (EW0, EW1 mode), set the CPU
clock frequency to 10 MHz or lower using bits MCD4 to MCD0 in the MCD register, and also set the PM12 bit in
the PM1 register to 1 (1 wait state).
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
f(CPU)
CPU clock frequency
(same frequency as f(BCLK))
VCC1 = 3.0 to 5.5V
0
32
MHz
f(XIN)
Main clock input frequency
016
MHz
f(XCIN)
Sub clock frequency
32.768
50
kHz
f(Ring)
On-chip oscillator frequency
0.5
1
2
MHz
f(PLL)
PLL clock frequency
VCC1 = 3.0 to 5.5V
10
32
MHz
tsu(PLL)
Wait time to stabilize PLL frequency
synthesizer
VCC1 = 5.0V
20
ms
VCC1 = 3.3V
50
ms
Symbol
Parameter
Measurement Condition
Standard
Unit
Min.
Typ.
Max.
CPU clock frequency (in CPU rewrite mode)(2)
10
MHz
Erase and program endurance(1)
100
times
Program time (4 bytes) (Topr = 25
°C)
Other than Data flash
150
900
μs
Data flash
300
1700
Lock bit program time
Other than Data flash
70
500
μs
Data flash
140
1000
Block erase time (Topr = 25
°C)
4-Kbyte block
0.2
3
s
8-Kbyte block
0.2
3
s
64-Kbyte block
0.2
3
s
tps
Wait time to stabilize flash memory circuit
50
μs
Data hold time (Topr = -40 to 85
°C)
10
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com