Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 343 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 343 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 339Page - Renesas Technology Corp M32C/8B Datasheet HTML 340Page - Renesas Technology Corp M32C/8B Datasheet HTML 341Page - Renesas Technology Corp M32C/8B Datasheet HTML 342Page - Renesas Technology Corp M32C/8B Datasheet HTML 343Page - Renesas Technology Corp M32C/8B Datasheet HTML 344Page - Renesas Technology Corp M32C/8B Datasheet HTML 345Page - Renesas Technology Corp M32C/8B Datasheet HTML 346Page - Renesas Technology Corp M32C/8B Datasheet HTML 347Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 406 page
background image
Under development
M32C/8B Group
24. Electrical Characteristics
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 326 of 385
24. Electrical Characteristics
Table 24.1
Absolute Maximum Ratings
NOTES:
1. P11 to P15 are provided in the 144-pin package only.
2. Contact a Renesas sales office if temperature range of -40 to 85
°C is required.
Symbol
Parameter
Condition
Value
Unit
VCC1,
VCC2
Supply voltage
VCC1 = AVCC
-0.3 to 6.0
V
VCC2
Supply voltage
-0.3 to VCC1 + 0.1
V
AVCC
Analog supply voltage
VCC1 = AVCC
-0.3 to 6.0
V
VI
Input voltage
RESET, CNVSS, BYTE, P6_0 to P6_7,
P7_2 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P14_0 to P14_6, P15_0 to P15_7(1),
VREF, XIN
-0.3 to VCC1 + 0.3
V
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7(1)
-0.3 to VCC2 + 0.3
P7_0, P7_1
-0.3 to 6.0
VO
Output voltage
P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P14_0 to 14_6, P15_0 to P15_7(1),
XOUT
-0.3 to VCC1 + 0.3
V
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7(1)
-0.3 to VCC2 + 0.3
P7_0, P7_1
-0.3 to 6.0
Pd
Power consumption
-40
°C≤Topr≤85°C
500
mW
Topr
Operating
ambient
temperature
during CPU operation
-20 to 85/
-40 to 85(2)
°C
during programming or erasing Flash
memory
0 to 60
°C
Tstg
Storage temperature
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com