Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 344 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 344 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 340Page - Renesas Technology Corp M32C/8B Datasheet HTML 341Page - Renesas Technology Corp M32C/8B Datasheet HTML 342Page - Renesas Technology Corp M32C/8B Datasheet HTML 343Page - Renesas Technology Corp M32C/8B Datasheet HTML 344Page - Renesas Technology Corp M32C/8B Datasheet HTML 345Page - Renesas Technology Corp M32C/8B Datasheet HTML 346Page - Renesas Technology Corp M32C/8B Datasheet HTML 347Page - Renesas Technology Corp M32C/8B Datasheet HTML 348Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 406 page
background image
Under development
M32C/8B Group
24. Electrical Characteristics
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 327 of 385
Table 24.2
Recommended Operating Conditions (1/3)
(VCC1 = VCC2 = 3.0 to 5.5 V, Topr = -20 to 85
°C unless otherwise specified)
NOTES:
1. VIH and VIL reference for P8_7 apply when P8_7 is used as a programmable input port. It does not apply when
P8_7 is used as XCIN.
2. P11 to P15 are provided in the 144-pin package only.
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
VCC1,
VCC2
Supply voltage (VCC1
≥ VCC2)
3.0
5.0
5.5
V
AVCC
Analog supply voltage
VCC1
V
VSS
Supply voltage
0
V
AVSS
Analog supply voltage
0
V
VIH
Input high “H”
voltage
P2_0 to P2_7, P3_0 to P3_7, P4_0 to P4_7,
P5_0 to P5_7, P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7(2)
0.8VCC2
VCC2
V
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_7(1),
P9_0 to P9_7, P10_0 to P10_7, P14_0 to P14_6,
P15_0 to P15_7(2),
XIN, RESET, CNVSS, BYTE
0.8VCC1
VCC1
P7_0, P7_1
0.8VCC1
6.0
P0_0 to P0_7, P1_0 to P1_7 (in single-chip mode) 0.8VCC2
VCC2
P0_0 to P0_7, P1_0 to P1_7
(in memory expansion mode and microprocessor
mode)
0.5VCC2
VCC2
VIL
Input low “L”
voltage
P2_0 to P2_7, P3_0 to P3_7, P4_0 to P4_7,
P5_0 to P5_7, P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7(2)
0
0.2VCC2
V
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7(1),
P9_0 to P9_7, P10_0 to P10_7, P14_0 to P14_6,
P15_0 to P15_7(2),
XIN, RESET, CNVSS, BYTE
0
0.2VCC1
P0_0 to P0_7, P1_0 to P1_7 (in single-chip mode)
0
0.2VCC2
P0_0 to P0_7, P1_0 to P1_7
(in memory expansion mode and microprocessor
mode)
0
0.16VCC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com