| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 341 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 341 Page - Renesas Technology Corp |
|
341 / 406 page ![]() NOTE: 1. In this example, a selector controls the input voltage applied to CNVSS to switch between single-chip mode and standard serial I/O mode. Data output Monitor output TXD SCLK BUSY RXD Data input MCU VCC2 NMI VCC1 CNVSS VCC1 RESET Reset input User reset signal VCC1 CE(P5_0) EPM(P5_5) Under development M32C/8B Group 23. Flash Memory Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 324 of 385 23.6.2.1 Pin Handling in Standard Serial I/O Mode Figure 23.18 shows an example of a pin handling in standard serial I/O mode 1. Figure 23.19 shows an example of a pin handling in standard serial I/O mode 2. Refer to the user’s manual of your serial programmer to handle pins controlled by the serial programmer since controlled pins vary depending on the serial programmer. Figure 23.18 Pin Handling in Standard Serial I/O Mode 1 Figure 23.19 Pin Handling in Standard Serial I/O Mode 2 NOTES: 1. Control pins and external circuit vary depending on the programmer. Refer to the user's manual of the programmer for information. 2. In this example, a selector controls the input voltage applied to CNVSS to switch between single-chip mode and standard serial I/O mode. 3. If there is a possibility the user reset signal becomes "L" in standard serial I/O mode 1, break the connection between the user reset signal and the RESET pin by using such as a jumper selector. Clock input Data output VCC1 VCC1 BUSY output TXD SCLK BUSY RXD Data input RESET Reset input User reset signal VCC1 MCU CE(P5_0) VCC2 EPM(P5_5) NMI VCC1 CNVSS VCC1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |