Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 338 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 338 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 334Page - Renesas Technology Corp M32C/8B Datasheet HTML 335Page - Renesas Technology Corp M32C/8B Datasheet HTML 336Page - Renesas Technology Corp M32C/8B Datasheet HTML 337Page - Renesas Technology Corp M32C/8B Datasheet HTML 338Page - Renesas Technology Corp M32C/8B Datasheet HTML 339Page - Renesas Technology Corp M32C/8B Datasheet HTML 340Page - Renesas Technology Corp M32C/8B Datasheet HTML 341Page - Renesas Technology Corp M32C/8B Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 406 page
background image
Under development
M32C/8B Group
23. Flash Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 321 of 385
23.6.2
Standard Serial I/O Mode
In standard serial I/O mode, the user ROM area can be programmed with the MCU mounted on a board by using a
serial programmer supporting the M32C/8B Group. For additional information about the serial programmer,
contact your serial programmer manufacturer. Refer to the user’s manual of your serial programmer for details on
operating instructions. Table 23.8 lists pin functions for flash memory standard serial I/O mode. Figures 23.16 to
23.17 show pin connections for standard serial I/O mode.
Table 23.8
Pin Functions for Flash Memory Standard Serial I/O Mode
NOTE:
1.
These pins are provided in the 144-pin package only.
Pin Name
Function
Input/
Output
Supply
Voltage
Description
VCC
VSS
Power supply
input
I
Apply the guaranteed erase/program supply voltage to the VCC1 pin.
Apply 0 V to the VSS pin
CNVSS
CNVSS
I
VCC1
Apply an “H” signal to the pin
RESET
Reset input
I
VCC1
Reset input pin
XIN
Clock input
I
VCC1
Connect a ceramic resonator or a crystal oscillator between pins XIN
and XOUT
XOUT
Clock output
O
VCC1
To use the external clock, input the clock to the XIN pin and leave the
XOUT pin open
BYTE
BYTE input
I
VCC1
Apply an “H” or “L” signal to the pin
AVCC, AVSS
Analog power
supply input
I
Connect AVCC to VCC1
Connect AVSS to VSS
VREF
Reference voltage
input
I
Reference voltage input pin for the A/D converter
P0_0 to P0_7
Input port P0
I
VCC2
Apply an “H” or “L” signal to the pin, or leave it open
P1_0 to P1_7
Input port P1
I
VCC2
Apply an “H” or “L” signal to the pin, or leave it open
P2_0 to P2_7
Input port P2
I
VCC2
Apply an “H” or “L” signal to the pin, or leave it open
P3_0 to P3_7
Input port P3
I
VCC2
Apply an “H” or “L” signal to the pin, or leave it open
P4_0 to P4_7
Input port P4
I
VCC2
Apply an “H” or “L” signal to the pin, or leave it open
P5_0
CE input
I
VCC2
Apply an “H” signal to the pin
P5_5
EPM input
I
VCC2
Apply an “L” signal to the pin
P5_1 to P5_4
P5_6, P5_7
Input port P5
I
VCC2
Apply an “H” or “L” signal to the pin, or leave it open
P6_0 to P6_3
Input port P6
I
VCC1
Apply an “H” or “L” signal to the pin, or leave it open
P6_4
BUSY output
O
VCC1
Standard serial I/O mode 1: BUSY signal output pin
Standard serial I/O mode 2: Program operation verify monitor
P6_5
SCLK input
I
VCC1
Standard serial I/O mode 1: Serial clock input pin.
This pin needs to be pulled up.
Standard serial I/O mode 2: Apply an “L” signal to the pin
P6_6
Data input RXD
I
VCC1
Serial data input pin
P6_7
Data output TXD
O
VCC1
Serial data output pin. This pin needs to be pulled up when used in
standard serial I/O mode1.
P7_0 to P7_7
Input port P7
I
VCC1
Apply an “H” or “L” signal to the pin, or leave it open
P8_0 to P8_4
P8_6, P8_7
Input port P8
I
VCC1
Apply an “H” or “L” signal to the pin, or leave it open
P8_5
NMI input
I
VCC1
Apply an “H” signal
P9_0 to P9_7
Input port P9
I
VCC1
Apply an “H” or “L” signal to the pin, or leave it open
P10_0 to P10_7
Input port P10
I
VCC1
Apply an “H” or “L” signal to the pin, or leave it open
P11_0 to P11_7
Input port P11
I
VCC2
Apply an “H” or “L” signal to the pin, or leave it open(1)
P12_0 to P12_7
Input port P12
I
VCC2
Apply an “H” or “L” signal to the pin, or leave it open(1)
P13_0 to P13_7
Input port P13
I
VCC2
Apply an “H” or “L” signal to the pin, or leave it open(1)
P14_0 to P14_7
Input port P14
I
VCC1
Apply an “H” or “L” signal to the pin, or leave it open(1)
P15_0 to P15_7
Input port P15
I
VCC1
Apply an “H” or “L” signal to the pin, or leave it open(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com