| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 337 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 337 Page - Renesas Technology Corp |
|
337 / 406 page ![]() Under development M32C/8B Group 23. Flash Memory Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 320 of 385 Start FMR06 = 1 and FMR07 = 1? NO YES FMR07 = 0 ? YES Erase error End NO Command sequence error FMR06 = 0 ? YES Program error NO (1) Execute the clear status register command to set bits FMR06 and FMR07 to 0 (successfully completed). (2) Check if the command is written correctly and execute the correct command. (1) Execute the clear status register command to set the erase status flag to 0 (successfully completed). (2) Execute the read lock bit status command. Set the FMR02 bit in the FMR0 register to 1 (lock bit disabled) if the lock bit of the block where the error has occurred is set to 0 (locked). (3) Execute the block erase command again. NOTE: 1. If an error still occurs, the block in error cannot be used. [When a program operation is executed] (1) Execute the clear status register command to set the program status flag to 0. (2) Execute the read lock bit status command. Set the FMR02 bit to 1 if the lock bit of the block where the error has occurred is set to 0. If the lock bit is set to 1 (unlocked), the address in which error has occurred cannot be used as it is. Execute the block erase command to erase the block, in which error has occurred, before executing the program command to program to the same address again. (3) Execute the program command again. NOTE: 2. If an error still occurs, the address in error cannot be used. [When lock bit program or protect bit program command is executed] (1) Execute the clear status register command to set the program status flag to 0. (2) Set the FMR02 bit to 1. (3) Execute the block erase command to erase the block where the error has occurred. (4) Execute the lock bit program command or protect bit program command again after programming data. NOTE: 3. If an error still occurs, the block in error cannot be used. NOTE: 4. When either the FMR06 or FMR07 bit is 1 (terminated by error), the program command, block erase command, lock bit program command, read lock bit status command and protect bit program command cannot be accepted. Execute the clear status register command before executing these commands. Figure 23.15 Error Check and Handling Procedure for Each Error |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |