Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 335 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 331Page - Renesas Technology Corp M32C/8B Datasheet HTML 332Page - Renesas Technology Corp M32C/8B Datasheet HTML 333Page - Renesas Technology Corp M32C/8B Datasheet HTML 334Page - Renesas Technology Corp M32C/8B Datasheet HTML 335Page - Renesas Technology Corp M32C/8B Datasheet HTML 336Page - Renesas Technology Corp M32C/8B Datasheet HTML 337Page - Renesas Technology Corp M32C/8B Datasheet HTML 338Page - Renesas Technology Corp M32C/8B Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 406 page
background image
Under development
M32C/8B Group
23. Flash Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 318 of 385
23.6.1.2
Status Register
The Status Register can be read in EW0 mode. It indicates the operating status of the flash memory and whether
an erase or program operation has completed successfully or not. The Status Register value is reflected on bits
FMR00, FMR06, and FMR07 in the FMR0 register. After executing the read status register command, program
command, block erase command, lock bit program command, or protect bit program command, the flash
memory enters read status register mode and the Status Register returns its value by reading any even address in
the user ROM area. Table 23.6 shows the Status Register.
Table 23.6
Status Register
b7 to b0: These bits return the value of 8 low-order bits by reading an even address of the flash memory in 16-bit
units.
NOTE:
1. Bits FMR07 (SR5) and FMR06 (SR4) become 0 by executing the clear status register command. When the
FMR07 (SR5) or FMR06 (SR4) bit is 1, the program command, block erase command, lock bit program
command, read lock bit status command, and protect bit program command cannot be accepted by the flash
memory.
23.6.1.3
Error Check
To confirm whether the program command, block erase command, lock bit program command, or protect bit
program command is executed successfully, read bits FMR07 and FMR06 in the FMR0 register after each
operation is completed.
Table 23.7 lists error types and occurrence conditions. Figure 23.15 shows a flow chart of the error check and
handling procedure for each error.
Bit in
Status
Register
Bit in
FMR0
Register
Status Name
Description
Value after
Reset
01
SR0 (b0)
Reserved bit
−−
SR1 (b1)
Reserved bit
−−
SR2 (b2)
Reserved bit
−−
SR3 (b3)
Reserved bit
−−
SR4 (b4)
FMR06(1)
Program status
Successfully completed
Error
0
SR5 (b5)
FMR07(1)
Erase status
Successfully completed
Error
0
SR6 (b6)
Reserved bit
−−
SR7 (b7)
FMR00
Sequencer status
BUSY
READY
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com