| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 332 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 332 Page - Renesas Technology Corp |
|
332 / 406 page ![]() Under development M32C/8B Group 23. Flash Memory Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 315 of 385 (7) Read Lock Bit Status Command The read lock bit status command reads a lock bit status of a given block. If the FMR31 bit in the FMR3 register is set to 1 (read by the FMR16 bit in the FMR1 register), the lock bit status of the specified block is stored into the FMR16 bit by writing the command code xx71h in the first bus cycle and xxD0h to the highest-order even address of the block in the second bus cycle. Read the FMR16 bit after the FMR00 bit in the FMR0 register becomes 1 (ready). If the FMR31 bit in the FMR3 register is set to 0 (read via the data bus), execute the read lock bit status command by the program placed in the RAM. By writing xx71h in the first bus cycle and reading any even address of the specified block in the second bus cycle, the lock bit status of the block can be read by the bit 6 of the read data. When the bit 6 is 0, the block is locked; when the bit 6 is 1, the block is unlocked. Figure 23.12 shows a flow chart of read lock bit status command. Figure 23.12 Read Lock Bit Status Command End Read FMR16 bit FMR00 = 1? YES NO Write the command code xx71h Write xxD0h to the highest-order even address of block NOTES: 1. Write command code and data to even address. 2. Write command code and data by the program placed in the RAM. 3. The flash memory enters read array mode after this command is executed. 4. The flash memory enters read lock bit status mode after this command is executed. A lock bit status can be read in succession by reading any even address of the specified block. Write the command code xx71h(2) Read any even address of block Read the bit 6 of the read data [When the FMR31 bit is 1] (Note 3) [When the FMR31 bit is 0] (Note 4) (Note 1) End Start Start |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |