Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 324Page - Renesas Technology Corp M32C/8B Datasheet HTML 325Page - Renesas Technology Corp M32C/8B Datasheet HTML 326Page - Renesas Technology Corp M32C/8B Datasheet HTML 327Page - Renesas Technology Corp M32C/8B Datasheet HTML 328Page - Renesas Technology Corp M32C/8B Datasheet HTML 329Page - Renesas Technology Corp M32C/8B Datasheet HTML 330Page - Renesas Technology Corp M32C/8B Datasheet HTML 331Page - Renesas Technology Corp M32C/8B Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 406 page
background image
Under development
M32C/8B Group
23. Flash Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 311 of 385
23.6.1.1
Software Commands
Write commands or read and write data to the specified even addresses in the user ROM area in 16-bit units.
When writing a command code, 8 high-order bits (D15 to D8) are ignored.
Table 23.5
Software Commands
FA: Any even address in the user ROM area
WA0: 16 low-order bits of write address
Set the lowest 2-bit of the address to 00b.
The address specified in the first bus cycle is the same even address as the write address specified in the
second bus cycle.
WA1: 16 high-order bits of write address
Set the lowest 2-bit of the address to 10b.
Specify WA0 and WA1 in the consecutive even addresses.
BA0: Highest-order even address of a block
BA1: Any even address of a block
PBA: The protect bit address (See table 23.2)
WD0: 16 low-order bit of write data
WD1: 16 high-order bit of write data
RD0: Read data (bit 6 is the lock bit data)
RD1: Read data (bit 6 is the protect bit data)
SRD: Data in the Status Register (b7 to b0)
xx: 8 high-order bits of command code (ignored)
NOTES:
1. When the FMR31 bit in the FMR3 register is set to 1 (read by the FMR16 bit in the FMR1 register).
2. When the FMR31 bit in the FMR3 register is set to 0 (read via the data bus).
(1) Read Array Command
The read array command is used to read the flash memory.
The flash memory enters read array mode when the command code xxFFh is written in the first bus cycle. The
content of the specified address can be read in 16-bit units when a read address is specified after the next bus
cycle. The flash memory remains in read array mode until the other command is written. Therefore, the contents
of multiple addresses can be read in succession.
(2) Read Status Register Command
The read status register command is used to read the Status Register. When the command code xx70h is written
in the first bus cycle, the Status Register can be read after the second bus cycle (refer to 23.6.1.2 Status
Register for details). To read the Status Register, read an even address in the user ROM area. Do not execute
this command in EW1 mode.
Software Command
First Bus Cycle
Second Bus Cycle
Third Bus Cycle
Mode Address
Data
(D15 to D0)
Mode Address
Data
(D15 to D0)
Mode Address
Data
(D15 to D0)
Read array
Write
FA
xxFFh
−−
Read status register
Write
FA
xx70h
Read
FA
SRD
−−
Clear status register
Write
FA
xx50h
−−
Program
Write
WA0
xx41h
Write
WA0
WD0
Write
WA1
WD1
Block erase
Write
FA
xx20h
Write
BA0
xxD0h
−−
Lock bit program
Write
BA0
xx77h
Write
BA0
xxD0h
−−
Read lock bit status(1)
Write
FA
xx71h
Write
BA0
xxD0h
−−
Read lock bit status(2)
Write
FA
xx71h
Read
BA1
RD0
−−
Protect bit program
Write
PBA
xx67h
Write
PBA
xxD0h
−−
Read protect bit status Write
FA
xx61h
Read
PBA
RD1
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com