Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 325 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 321Page - Renesas Technology Corp M32C/8B Datasheet HTML 322Page - Renesas Technology Corp M32C/8B Datasheet HTML 323Page - Renesas Technology Corp M32C/8B Datasheet HTML 324Page - Renesas Technology Corp M32C/8B Datasheet HTML 325Page - Renesas Technology Corp M32C/8B Datasheet HTML 326Page - Renesas Technology Corp M32C/8B Datasheet HTML 327Page - Renesas Technology Corp M32C/8B Datasheet HTML 328Page - Renesas Technology Corp M32C/8B Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 406 page
background image
Under development
M32C/8B Group
23. Flash Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 308 of 385
23.6.1
CPU Rewrite Mode
In CPU rewrite mode, the user ROM area can be programmed by the CPU writing software commands with the
MCU mounted on a board. In CPU rewrite mode, only the user ROM area shown in Figure 23.1 can be
programmed. The boot ROM area cannot be rewritten. EW0 mode and EW1 mode are provided as CPU rewrite
mode. Prior to accessing registers FMR0 to FMR3 or to entering CPU rewrite mode (EW0, EW1 mode), set the
CPU clock frequency to 10 MHz or lower using bits MCD4 to MCD0 in the MCD register, and also set the PM12
bit in the PM1 register to 1 (1 wait state).
Table 23.4 lists specifications of EW0 mode and EW1 mode. Figure 23.7 shows a setting procedure for EW0 mode.
Figure 23.8 shows a setting procedure for EW1 mode.
Table 23.4
Specifications of EW0 Mode and EW1 Mode
NOTES:
1. In both the EW0 mode and EW1 mode, when an NMI interrupt or watchdog timer interrupt is generated, the
erase or program operation in progress is aborted and the interrupt is acknowledged.
2. To use peripheral function interrupts, place interrupt routine programs and the relocatable vector table in an
area other than flash memory.
3. Do not generate an interrupt (except NMI interrupt and watchdog timer interrupt) or a DMA or DMACII transfer
during erase or program operation.
4. When the FMR31 bit in the FMR3 register is 0 (read through the data bus).
Item
EW0 Mode
EW1 Mode
Operation
• Program the user ROM area by executing
the rewrite control program placed in an
area other than the flash memory.
• Erase and program a block where the
rewrite control program is not placed, by
executing the rewrite control program
placed in the user ROM area.
Processor mode
• Single-chip mode
• Memory expansion mode
• Single-chip mode
Areas where a rewrite
program can be stored
• User ROM area
• User ROM area
Software command
All commands are available
• Program command and block erase
command cannot be executed to the
block storing a rewrite control program
• Read status register command cannot be
executed
• Read lock bit status command(4),
read protect bit status command are
executed in the RAM
Flash memory mode after
erasing or programming
Read status register mode
Read array mode
Flash memory status
detection
• Read bits FMR00, FMR06, and FMR07 in
the FMR0 register by a program
• Execute the read status register
command to read bits SR7, SR5, and
SR4 in the SRD register
• Read bits FMR00, FMR06, and FMR07 in
the FMR0 register by a program
CPU status during erase
or program operation
Operating
In a hold state (CPU stops)
(I/O port maintains the status which is
before executing a command)
Peripheral interrupt
request, DMA request,
and DMACII request
during erase or program
operation
Acknowledged(2)
Not acknowledged(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com