Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 320Page - Renesas Technology Corp M32C/8B Datasheet HTML 321Page - Renesas Technology Corp M32C/8B Datasheet HTML 322Page - Renesas Technology Corp M32C/8B Datasheet HTML 323Page - Renesas Technology Corp M32C/8B Datasheet HTML 324Page - Renesas Technology Corp M32C/8B Datasheet HTML 325Page - Renesas Technology Corp M32C/8B Datasheet HTML 326Page - Renesas Technology Corp M32C/8B Datasheet HTML 327Page - Renesas Technology Corp M32C/8B Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 406 page
background image
Under development
M32C/8B Group
23. Flash Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 307 of 385
23.5
Boot Mode
Use the following procedure to enter boot mode and a program in the boot ROM area is executed.
(1) Apply an “L” (pull-down) to the P6_5 pin or apply an “H” (pull-up) to the P6_7 pin
(2) Apply an “L” (pull-down) to the EPM (P5_5) pin and apply an “H” (pull-up) to the CE (P5_0) pin
(3) Apply an “H” to the CNVSS pin
(4) Perform a hardware reset
When switching from the boot ROM area to the user ROM area, set the FMR05 bit in the FMR0 register to 1
(access the user ROM area) by the program placed in the area other than the flash memory.
The rewrite control program for standard serial I/O mode is stored in the boot ROM area in the factory default
configuration. Do not rewrite the boot ROM area.
23.6
Flash Memory Rewrite Mode
CPU rewrite mode, standard serial I/O mode, and parallel I/O mode can be used to erase and program the flash
memory. Table 23.3 lists overview of flash memory rewrite mode.
Table 23.3
Flash Memory Rewrite Mode Overview
NOTE:
1. In parallel I/O mode, the boot ROM area can be programmed. However, do not rewrite the boot ROM area
since the rewrite control program for standard serial I/O mode is stored in the boot ROM area in the factory
default configuration.
Flash Memory
Rewrite Mode
CPU Rewrite Mode
Standard Serial I/O Mode
Parallel I/O Mode(1)
Function
User ROM area is programmed
by the CPU writing software
commands.
EW0 mode:
Execute the rewrite control
program placed in an area
other than the flash memory.
EW1 mode:
Execute the rewrite control
program placed in the flash
memory.
User ROM area is programmed
using a dedicated serial
programmer.
Standard serial I/O mode 1:
Clock synchronous mode in
UART1
Standard serial I/O mode 2:
Clock asynchronous mode
in UART1
User ROM area is programmed
using a dedicated parallel
programmer.
Rewritable area
User ROM area
User ROM area
User ROM area
Operating mode
Single-chip mode
Memory expansion mode
(EW0 mode)
Boot mode
Parallel I/O mode
ROM programmer
Serial programmer
Parallel programmer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com