Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 316Page - Renesas Technology Corp M32C/8B Datasheet HTML 317Page - Renesas Technology Corp M32C/8B Datasheet HTML 318Page - Renesas Technology Corp M32C/8B Datasheet HTML 319Page - Renesas Technology Corp M32C/8B Datasheet HTML 320Page - Renesas Technology Corp M32C/8B Datasheet HTML 321Page - Renesas Technology Corp M32C/8B Datasheet HTML 322Page - Renesas Technology Corp M32C/8B Datasheet HTML 323Page - Renesas Technology Corp M32C/8B Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 406 page
background image
Under development
M32C/8B Group
23. Flash Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 303 of 385
Figure 23.4
FMR1 Register
b7
0
0
0
0
b6 b5 b4
b1
b2
b3
Symbol
FMR1
Address
0055h
After Reset
0000 XX0Xb
b0
Function
Bit Symbol
Bit Name
RW
(b7)
Reserved bits
RO
RW
FMR16
RW
(b5-b4)
Reserved bit
Flash Memory Control Register 1
Lock bit status flag(1)
Reserved bit
(b1)
RW
Reserved bits
(b3-b2)
Read as undefined value.
Reserved bit
(b0)
Set to 0
Read as undefined value.
Set to 0
0: Locked
1: Unlocked
Set to 0
NOTE:
1. The FMR16 bit is enabled when the FMR31 bit in the FMR3 register is set to 1 ( Read by the FMR16 bit in the FMR1 register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com