Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 317 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 313Page - Renesas Technology Corp M32C/8B Datasheet HTML 314Page - Renesas Technology Corp M32C/8B Datasheet HTML 315Page - Renesas Technology Corp M32C/8B Datasheet HTML 316Page - Renesas Technology Corp M32C/8B Datasheet HTML 317Page - Renesas Technology Corp M32C/8B Datasheet HTML 318Page - Renesas Technology Corp M32C/8B Datasheet HTML 319Page - Renesas Technology Corp M32C/8B Datasheet HTML 320Page - Renesas Technology Corp M32C/8B Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 406 page
background image
Under development
M32C/8B Group
23. Flash Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 300 of 385
23.1
Memory Map
The user ROM area has an area to store programs, and another 4-Kbyte areas as the block A and the block B for
data storage.
The user ROM area can be programmed in CPU rewrite mode, standard serial I/O mode, or parallel I/O mode.
The boot ROM area has one 8-Kbyte block and is allocated in addresses FFE000h to FFFFFFh, which overlap with
part of the user ROM area . The rewrite control program for the standard serial I/O mode is stored in the boot ROM
area. Do not rewrite the boot ROM area.
Figure 23.1 shows the flash memory map.
Figure 23.1
Flash Memory Map
NOTES:
1. The rewrite control program for standard serial I/O mode is stored in the boot ROM area before shipment.
2. When specifying a block, use the highest-order even address of the specified block.
3. This is a flash memory map in single-chip mode.
Block 2: 64 Kbytes
Block 3: 64 Kbytes
FF0000h
Block 0: 64 Kbytes
FE0000h
FEFFFFh
FD0000h
FDFFFFh
FC0000h
FCFFFFh
00FFFFh
Block A: 4 Kbytes
FFFFFFh
00F000h
FFFFFFh
8 Kbytes
FFE000h
Block 1: 64 Kbytes
Block B: 4 Kbytes
00E000h
00EFFFh
Boot ROM area(1)
User ROM area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com