Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 311Page - Renesas Technology Corp M32C/8B Datasheet HTML 312Page - Renesas Technology Corp M32C/8B Datasheet HTML 313Page - Renesas Technology Corp M32C/8B Datasheet HTML 314Page - Renesas Technology Corp M32C/8B Datasheet HTML 315Page - Renesas Technology Corp M32C/8B Datasheet HTML 316Page - Renesas Technology Corp M32C/8B Datasheet HTML 317Page - Renesas Technology Corp M32C/8B Datasheet HTML 318Page - Renesas Technology Corp M32C/8B Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 406 page
background image
Under development
M32C/8B Group
22. Programmable I/O Ports
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 298 of 385
Table 22.5
Port P8 Peripheral Function Output Control
Table 22.6
Port P9 Peripheral Function Output Control
Table 22.7
Port P10 Peripheral Function Output Control
PS2 Register
PSL2 Register
Bit 0
0: P8_0/TA4OUT input
1: Select by the PSL2_0 bit
0: TA4OUT output
1: U
Bit 1
0: P8_1/TA4IN
1: Select by the PSL2_1 bit
0: U
1: Do not set to this value
Bits 2 to 7 Set to 000000b
PS3 Register
PSL3 Register
Bit 0
0: P9_0/TB0IN/CLK3 input
1: Select by the PSL3_0 bit
0: CLK3 output
1: Do not set to this value
Bit 1
0: P9_1/TB1IN/RXD3/SCL3 input
1: Select by the PSL3_1 bit
0: SCL3 output
1: STXD3
Bit 2
0: P9_2/TB2IN/SRXD3/SDA3 input
1: Select by the PSL3_2 bit
0: TXD3/SDA3 output
1: Do not set to this value
Bit 3
0: P9_3/TB3IN/CTS3/SS3/DA0
1: RTS3
0: Peripheral function input
1: DA0
Bit 4
0: P9_4/TB4IN/CTS4/SS4/DA1
1: RTS4
0: Peripheral function input
1: DA1
Bit 5
0: P9_5/ANEX0/CLK4 input
1: CLK4 output
0: Peripheral function input except ANEX0
1: ANEX0
Bit 6
0: P9_6/SRXD4/ANEX1/SDA4 input
1: TXD4/SDA4 output
0: Peripheral function input except ANEX1
1: ANEX1
Bit 7
0: P9_7/RXD4/ADTRG/SCL4 input
1: Select by the PSL3_7 bit
0: SCL4 output
1: STXD4
PSC Register
Bit 7
0: P10_4 to P10_7 or KI0 to KI3
1: AN_4 to AN_7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com