| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 313 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 313 Page - Renesas Technology Corp |
|
313 / 406 page ![]() Under development M32C/8B Group 22. Programmable I/O Ports Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 296 of 385 Table 22.1 Unassigned Pin Handling in Single-Chip Mode NOTES: 1. P11 to P15 are provided in the 144-pin package only. 2. It is when the external clock is input to the XIN pin. Table 22.2 Unassigned Pin Handling in Memory Expansion Mode and Microprocessor Mode NOTES: 1. P11 to P15 are provided in the 144-pin package only. 2. It is when the external clock is applied to the XIN pin. Figure 22.17 Unassigned Pin Handling Pin Name Handling P0 to P15 (excluding P8_5)(1) Set pins to input mode and connect each pin to VSS via a resistor (pull-down), or set pins to output mode and leave them open XOUT(2) Leave the pin open NMI (P8_5) Connect the pin to VCC1 via a resistor (pull-up) VREF Connect the pin to VSS Pin Name Handling P1, P6 to P15 (excluding P8_5)(1) Set pins to input mode and connect each pin to VSS via a resistor (pull-down), or set pins to output mode and leave them open BHE, ALE, HLDA, XOUT(2), BCLK Leave the pin open HOLD, RDY Connect the pin to VCC2 via a resistor (pull-up) NMI(P8_5) Connect the pin to VCC1 via a resistor (pull-up) VREF Connect the pin to VSS MCU P0 to P15(1) (except for P8_5) (Input mode) (Output mode) NMI (P8_5) XOUT AVCC BYTE AVSS VREF In single-chip mode Open VCC1 VSS Open (Input mode) MCU P1, P6 to P15(1) (except for P8_5) (Input mode) (Output mode) NMI (P8_5) BHE ALE AVCC AVSS VREF In memory expansion mode and microprocessor mode Open VCC2 Open (Input mode) HLDA XOUT BCLK HOLD RDY NOTE: 1. P11 to P15 are provided in the 144-pin package only. VSS VCC1 VCC1 VCC1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |