Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 310Page - Renesas Technology Corp M32C/8B Datasheet HTML 311Page - Renesas Technology Corp M32C/8B Datasheet HTML 312Page - Renesas Technology Corp M32C/8B Datasheet HTML 313Page - Renesas Technology Corp M32C/8B Datasheet HTML 314Page - Renesas Technology Corp M32C/8B Datasheet HTML 315Page - Renesas Technology Corp M32C/8B Datasheet HTML 316Page - Renesas Technology Corp M32C/8B Datasheet HTML 317Page - Renesas Technology Corp M32C/8B Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 406 page
background image
Under development
M32C/8B Group
22. Programmable I/O Ports
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 297 of 385
Table 22.3
Port P6 Peripheral Function Output Control
Table 22.4
Port P7 Peripheral Function Output Control
PS0 Register
PSL0 Register
Bit 0
0: P6_0/CTS0/SS0
1: Select by the PSL0_0 bit
0: RTS0
1: Do not set to this value
Bit 1
0: P6_1/CLK0 input
1: Select by the PSL0_1 bit
0: CLK0 output
1:Do not set to this value
Bit 2
0: P6_2/RXD0/SCL0 input
1: Select by the PSL0_2 bit
0: SCL0 output
1: STXD0
Bit 3
0: P6_3/SRXD0/SDA0 input
1: Select by the PSL0_3 bit
0: TXD0/SDA0 output
1: Do not set to this value
Bit 4
0: P6_4/CTS1/SS1
1: Select by the PSL0_4 bit
0: RTS1
1: Do not set to this value
Bit 5
0: P6_5/CKL1 input
1: Select by the PSL0_5 bit
0: CLK1 output
1: Do not set to this value
Bit 6
0: P6_6/RXD1/SCL1 input
1: Select by the PSL0_6 bit
0: SCL1 output
1: STXD1
Bit 7
0: P6_7/SRXD1/SDA1 input
1: Select by the PSL0_7 bit
0: TXD1/SDA1 output
1: Do not set to this value
PS1 Register
PSL1 Register
PSC Register
Bit 0
0: P7_0/TA0OUT input/
SRXD2/SDA2 input
1: Select by the PSL1_0 bit
0: Select by the PSC_0 bit
1: TA0OUT output
0: TXD2/SDA2 output
1: Do not set to this value
Bit 1
0: P7_1/TA0IN/TB5IN/RXD2/
SCL2 input
1: Select by the PSL1_1 bit
0: Select by the PSC_1 bit
1: STXD2
0: SCL2 output
1: Do not set to this value
Bit 2
0: P7_2/TA1OUT input/CLK2 input
1: Select by the PSL1_2 bit
0: Select by the PSC_2 bit
1: TA1OUT output
0: CLK2 output
1: V
Bit 3
0: P7_3/TA1IN/CTS2/SS2
1: Select by the PSL1_3 bit
0: Select by the PSC_3 bit
1: V
0: RTS2
1: Do not set to this value
Bit 4
0: P7_4/TA2OUT input
1: Select by the PSL1_4 bit
0: Select by the PSC_4 bit
1: W
0: TA2OUT output
1: Do not set to this value
Bit 5
0: P7_5/TA2IN
1: Select by the PSL1_5 bit
0: W
1: Do not set to this value
Set to 0
Bit 6
0: P7_6/TA3OUT input
1: Select by the PSL1_6 bit
0: Do not set to this value
1: TA3OUT output
Set to 0
Bit 7
0: P7_7/TA3IN
1: Do not set to this value
Set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com