Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 314Page - Renesas Technology Corp M32C/8B Datasheet HTML 315Page - Renesas Technology Corp M32C/8B Datasheet HTML 316Page - Renesas Technology Corp M32C/8B Datasheet HTML 317Page - Renesas Technology Corp M32C/8B Datasheet HTML 318Page - Renesas Technology Corp M32C/8B Datasheet HTML 319Page - Renesas Technology Corp M32C/8B Datasheet HTML 320Page - Renesas Technology Corp M32C/8B Datasheet HTML 321Page - Renesas Technology Corp M32C/8B Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 406 page
background image
Under development
M32C/8B Group
23. Flash Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 301 of 385
23.2
Registers
Figures 23.2 to 23.4 show registers associated with the flash memory.
Figure 23.2
FMR0 Register
b7
0
b6 b5 b4
b1
b2
b3
Symbol
FMR0
Address
0057h
After Reset
0000 0001b
b0
Function
Bit Symbol
Bit Name
RW
FMR05
FMR07
Flash memory stop bit(3)(5)
Erase status flag(4)
RW
RW
RO
RO
−
(b4)
RW
FMSTP
User ROM area select bit(3)
(available in boot mode only)
Program status flag(4)
FMR06
Flash Memory Control Register 0
Reserved bit
CPU rewrite mode select bit(1)(7)
FMR01
RW
Lock bit disable select bit(2)
RW
FMR02
0: BUSY (programming or erasing in progress)(6)
1: READY
RY/BY status flag
FMR00
RO
0: CPU rewrite mode disabled
1: CPU rewrite mode enabled
0: Lock bit enabled
1: Lock bit disabled
0: Flash memory started
1: Flash memory stopped
(enters low-power consumption state and flash
memory is initialized)
Set to 0
0: Boot ROM area accessed
1: User ROM area accessed
0: Successfully completed
1: Terminated by error
0: Successfully completed
1: Terminated by error
NOTES:
1. Set bits FMR01 and FMR02 while the NMI pin level is held "H".
2. To set the FMR02 bit to 1, write a 1 to the FMR02 bit immediately after writing a 0 to the bit while the FMR01 bit is set to 1.
Write the value in 8-bit units. Do not generate an interrupt or a DMA or DMACII transfer between these two settings.
3. Set bits FMSTP and FMR05 by the program placed in an area other than the flash memory.
4. Bits FMR07 and FMR06 are set to 0 by executing the clear status command.
5. The FMSTP bit is enabled when the FMR01 bit is set to 1 (CPU rewrite mode enabled). Bits FMSTP can be set to 1 even
when the FMR01 bit is set to 0, but the flash memory does not enter low-power consumption state nor is initialized.
6. Program and read operations by lock bit program command, read lock bit status command, and protect bit program command
are included.
7. To change the FMR01 bit from 0 to 1, write a 1 to the FMR01 bit immediately after writing a 0 to it. Write the value in 8-bit
units. Do not generate an interrupt or a DMA or DMACII transfer between these two settings.
To change the FMR01 bit from 1 to 0
, enter read array mode first, and then write to the address 0057h in 16-bit units. Set
the eight high-order bits to 00h.
e.g., To change the FMR01 bit from 1 to 0;
Assembly language: mov.w #0000h, 0057h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com