Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 315Page - Renesas Technology Corp M32C/8B Datasheet HTML 316Page - Renesas Technology Corp M32C/8B Datasheet HTML 317Page - Renesas Technology Corp M32C/8B Datasheet HTML 318Page - Renesas Technology Corp M32C/8B Datasheet HTML 319Page - Renesas Technology Corp M32C/8B Datasheet HTML 320Page - Renesas Technology Corp M32C/8B Datasheet HTML 321Page - Renesas Technology Corp M32C/8B Datasheet HTML 322Page - Renesas Technology Corp M32C/8B Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 406 page
background image
Under development
M32C/8B Group
23. Flash Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 302 of 385
Figure 23.3
FMR2 and FMR3 Registers
b7 b6 b5 b4
b1
b2
b3
Symbol
FMR2
Address
0052h
After Reset
XXXX XXX0b
b0
Function
Bit Symbol
Bit Name
RW
Flash Memory Control Register 2
Reserved bits
(b7-b1)
Writing to the FMR3 register is enabled.
0: Write disable
1: Write enable
Protect bit
FMR20
RW
Read as undefined value.
b7
0
b6 b5 b4
b1
b2
b3
Symbol
FMR3
Address
0050h
After Reset
XX0X XX00b
b0
Function
Bit Symbol
Bit Name
RW
(b7-b6)
Reserved bit
RW
RO
(b5)
Reserved bits
Flash Memory Control Register 3(1)
Lock bit read setting bit
FMR31
RW
Reserved bits
RO
(b4-b2)
0: EW0 mode
1: EW1 mode
EW1 mode select bit
FMR30
RW
0: Read via data bus
1: Read by the FMR16 bit in the FMR1 register
Read as undefined value.
Set to 0
Read as undefined value.
NOTE:
1. Write the FMR3 register after the FMR01 bit in the FMR0 register is set to 1 (CPU rewrite mode enabled) and the FMR20 bit in the
FMR2 register is set to 1 (write enable). After exiting wait mode or stop mode, the FMR3 register becomes the value after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com