Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 319Page - Renesas Technology Corp M32C/8B Datasheet HTML 320Page - Renesas Technology Corp M32C/8B Datasheet HTML 321Page - Renesas Technology Corp M32C/8B Datasheet HTML 322Page - Renesas Technology Corp M32C/8B Datasheet HTML 323Page - Renesas Technology Corp M32C/8B Datasheet HTML 324Page - Renesas Technology Corp M32C/8B Datasheet HTML 325Page - Renesas Technology Corp M32C/8B Datasheet HTML 326Page - Renesas Technology Corp M32C/8B Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 406 page
background image
Under development
M32C/8B Group
23. Flash Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 306 of 385
23.4
Flash Memory Stop Function
When the FMSTP bit in the FMR0 register is set to 1 (flash memory stopped), the flash memory control circuit
stops and as a result power consumption in the flash memory can be reduced. When the FMSTP bit is set to 1
from 0 (flash memory started), the flash memory control circuit is initialized. Access to the flash memory is
disabled when the FMSTP bit is set to 1. Set the FMSTP bit to 1 by the program placed in an area other than the
flash memory.
Set the FMSTP bit to 1 in one of the following cases in accordance with the procedure shown in Figure 23.6.
A flash memory access error occurs while erasing or programming in EW0 mode (the FMR00 bit does not
switch back to 1 (ready)).
To further reduce power consumption in low-power consumption mode or on-chip oscillator low-power
consumption mode.
The flash memory is automatically turned off when entering wait mode or stop mode, and turned back on when
exiting wait mode or stop mode. Set the FMR01 bit in the FMR0 register to 0 (CPU rewrite mode disabled)
before entering wait mode or stop mode.
Figure 23.6
Procedure to Stop Flash Memory
Start
End
Transfer the program to the internal RAM
Jump to the program transferred to the internal RAM
FMR0 register: FMR01 bit = 0
FMR0 register: FMR01 bit = 1
CPU rewrite mode enabled
- To set the FMR01 bit to 1, write a 1 to the FMR01 bit
immediately after writing a 0.
Write the value to the FMR0 register in 8-bit units.
Do not generate an interrupt or a DMA or DMACII transfer
between these two settings.
- Set it while "H" is applied to the NMI pin.
Jump to a given address in the flash memory
<Program transferred to the internal RAM>
FMR0 register: FMSTP bit = 1
Flash memory stops operating
(Enters low-power consumption state and a flash memory is initialized)
Switch the CPU clock source
Stop main clock
Oscillate main clock
Switch the CPU clock source
FMR0 register: FMSTP bit = 0
Flash memory starts operating
FMR0 register: FMR01 bit = 0
CPU rewrite mode disabled
- To change the FMR01 bit from 1 to 0, enter read array mode
and then write to address 0057h in 16-bit units.
Set the eight high-order bits to 00h.
Wait for tps
When switching the CPU clock source, wait until the new CPU clock
source stabilizes.
Wait time to stabilize flash memory circuit
- Add tps wait time by a program.
- Do not access the flash memory during this wait time.
Execute the following procedure using the program transferred to the internal RAM
Processing in low-power consumption
mode or on-chip oscillator low-power
consumption mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com