Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 322Page - Renesas Technology Corp M32C/8B Datasheet HTML 323Page - Renesas Technology Corp M32C/8B Datasheet HTML 324Page - Renesas Technology Corp M32C/8B Datasheet HTML 325Page - Renesas Technology Corp M32C/8B Datasheet HTML 326Page - Renesas Technology Corp M32C/8B Datasheet HTML 327Page - Renesas Technology Corp M32C/8B Datasheet HTML 328Page - Renesas Technology Corp M32C/8B Datasheet HTML 329Page - Renesas Technology Corp M32C/8B Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 406 page
background image
Under development
M32C/8B Group
23. Flash Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 309 of 385
Figure 23.7
Setting Procedure for EW0 Mode
End
MCD register
Set the CPU clock frequency to 10 MHz or lower
in CPU rewrite mode
PM1 register: PM12 bit = 1
Internal memory wait state inserted
Transfer the rewrite control program to an area
other than the flash memory
Jump to the rewrite control program transferred
to an area other than the flash memory
FMR0 register: FMR05 bit = 1
<In boot mode>
User ROM area accessed
FMR0 register: FMR01 bit = 0
FMR0 register: FMR01 bit = 1
CPU rewrite mode enabled
- To set the FMR01 bit to 1, write a 1 to the FMR01 bit
immediately after writing a 0.
Write the value to the FMR0 register in 8-bit units.
Do not generate an interrupt or a DMA or DMACII transfer
between these two settings.
- Set it while "H" is applied to the NMI pin.
Execute the read array command
FMR0 register: FMR01 bit = 0
CPU rewrite mode disabled
- To change the FMR01 bit from 1 to 0, enter read array mode
and then write to address 0057h in 16-bit units.
Set the eight high-order bits to 00h.
(Execute the following procedure using the rewrite control program
transferred to an area other than the flash memory )
<Rewrite control program>
Execute the software commands
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com