Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 323Page - Renesas Technology Corp M32C/8B Datasheet HTML 324Page - Renesas Technology Corp M32C/8B Datasheet HTML 325Page - Renesas Technology Corp M32C/8B Datasheet HTML 326Page - Renesas Technology Corp M32C/8B Datasheet HTML 327Page - Renesas Technology Corp M32C/8B Datasheet HTML 328Page - Renesas Technology Corp M32C/8B Datasheet HTML 329Page - Renesas Technology Corp M32C/8B Datasheet HTML 330Page - Renesas Technology Corp M32C/8B Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 406 page
background image
Under development
M32C/8B Group
23. Flash Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 310 of 385
Figure 23.8
Setting Procedure for EW1 Mode
FMR2 register: FMR20 bit = 1
Execute the software commands
FMR0 register: FMR01 bit = 0
NOTE:
1. Do not use EW1 mode in memory expansion mode or boot mode.
Start
Set the CPU clock frequency to 10 MHz
or lower in CPU rewrite mode
End
Internal memory wait state inserted
CPU rewrite mode enabled
- To set the FMR01 bit to 1, write a 1 to the FMR01 bit
immediately after writing a 0.
Write the value to the FMR0 register in 8-bit units.
Do not generate an interrupt or a DMA or DMACII transfer
between these two setting.
- Set it while the NMI pin level is held "H".
Enter EW1 mode
- Write a 1 to the FMR30 bit while the FMR01 bit is set to 1.
CPU rewrite mode disabled
- To change the FMR01 bit from 1 to 0, enter read array mode
and then write to address 0057h in 16-bit units.
Set the eight high-order bits to 00h.
PM1 register: PM12 bit = 1
MCD register
FMR3 register: FMR30 bit = 1
FMR0 register: FMR01 bit = 1
FMR0 register: FMR01 bit = 0
Enable writing to the FMR3 register
Exit EW1 mode
FMR3 register: FMR30 bit = 0
FMR2 register: FMR20 bit = 0
Disable writing to the FMR3 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com