| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 334 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 334 Page - Renesas Technology Corp |
|
334 / 406 page ![]() Under development M32C/8B Group 23. Flash Memory Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 317 of 385 (9) Read Protect Bit Status Command The read protect bit status command reads a protect bit status of a given block. Execute the read protect bit status command by the program placed in the RAM. By writing xx61h in the first bus cycle and reading the protect bit address of the specified block in the second bus cycle, the protect bit status of the block can be read by the bit 6 of the read data. When the bit 6 is 0 (protected), the flash memory is protected by the specified protect bit; when the bit 6 is 1 (unprotected), the flash memory is not protected by the specified protect bit. Figure 23.14 shows a flow chart of read protect bit status command. The flash memory enters read protect bit status mode after this command is executed. A protect bit status can be read in succession by reading a protect bit address. Figure 23.14 Read Protect Bit Status Command Start End Read the bit 6 of the read data Write the command code xx61h Read the protect bit address Write command code to an even address. Write by a program placed in the RAM. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |