Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 354 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 354 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 350Page - Renesas Technology Corp M32C/8B Datasheet HTML 351Page - Renesas Technology Corp M32C/8B Datasheet HTML 352Page - Renesas Technology Corp M32C/8B Datasheet HTML 353Page - Renesas Technology Corp M32C/8B Datasheet HTML 354Page - Renesas Technology Corp M32C/8B Datasheet HTML 355Page - Renesas Technology Corp M32C/8B Datasheet HTML 356Page - Renesas Technology Corp M32C/8B Datasheet HTML 357Page - Renesas Technology Corp M32C/8B Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 406 page
background image
Under development
M32C/8B Group
24. Electrical Characteristics
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 337 of 385
Timing Requirements
(VCC1 = VCC2 = 4.2 to 5.5 V, VSS = 0 V, Topr = -20 to 85
°C unless otherwise specified)
Table 24.23
A/D Trigger Input
Table 24.24
Serial Interface
i=0 to 4
Table 24.25
External Interrupt INTi Input (Edge Sensitive)
i=0 to 5
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(AD)
ADTRG input cycle time (required for trigger)
1000
ns
tw(ADL)
ADTRG input low (“L”) pulse width
125
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi input cycle time
200
ns
tw(CKH)
CLKi input high (“H”) pulse width
100
ns
tw(CKL)
CLKi input low (“L”) pulse width
100
ns
td(C-Q)
TXDi output delay time
80
ns
th(C-Q)
TXDi output hold time
0
ns
tsu(D-C)
RXDi input setup time
30
ns
th(C-D)
RXDi input hold time
90
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(INH)
INTi input high (“H”) pulse width
250
ns
tw(INL)
INTi input low (“L”) pulse width
250
ns
VCC1 = VCC2 = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com