| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 382 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 382 Page - Renesas Technology Corp |
|
382 / 406 page ![]() Under development M32C/8B Group 25. Usage Notes Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 365 of 385 25.5 Clock Generation Circuits 25.5.1 Main Clock • If the main clock is selected as the CPU clock while an external clock is applied to the XIN pin, do not stop the external clock. (Technical update: TN-M16C-109-0309) • When a clock applied to the XIN pin is used for the CPU clock, do not set the CM05 bit in the CM0 register to 1 (stopped). 25.5.2 Sub Clock 25.5.2.1 To Oscillate Sub Clock To oscillate the sub clock, set the CM07 bit in the CM0 register to 0 (clock other than the sub clock) and the CM03 bit to 1 (XCIN-XOUT drive capability = high). Then, set the CM04 bit in the CM0 register to 1 (XCIN- XCOUT oscillation function). Once the sub clock becomes stabilized, set the CM03 bit to 0 (XCIN-XOUT drive capability = low). After the above procedure, the sub clock can be used as the CPU clock, or the count source for timer A and timer B. (Technical update: TN-16C-119A/EA) 25.5.2.2 Oscillation Parameter Matching If an oscillation circuit constant matching for the sub clock oscillation circuit has only been evaluated with the drive capability = high, the constant matching for drive capability = low must also be evaluated. Contact your oscillator manufacturer for details on the oscillation circuit constant matching. 25.5.3 Clock Dividing Ratio To change bits MCD4 to MCD0, set the PM12 bit in the PM1 register to 0 (no wait state). 25.5.4 Power Consumption Control Stabilize the main clock, sub clock, or PLL clock prior to switching the clock source for the CPU clock to one of these clocks. 25.5.4.1 Wait Mode • When entering wait mode, the instructions following the WAIT instruction are stored into the instruction queue, and the program stops. Insert at least 4 NOP instructions after the WAIT instruction. • To enter wait mode, execute the WAIT instruction while a high-level (“H”) signal is applied to the NMI pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |