Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 384 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 380Page - Renesas Technology Corp M32C/8B Datasheet HTML 381Page - Renesas Technology Corp M32C/8B Datasheet HTML 382Page - Renesas Technology Corp M32C/8B Datasheet HTML 383Page - Renesas Technology Corp M32C/8B Datasheet HTML 384Page - Renesas Technology Corp M32C/8B Datasheet HTML 385Page - Renesas Technology Corp M32C/8B Datasheet HTML 386Page - Renesas Technology Corp M32C/8B Datasheet HTML 387Page - Renesas Technology Corp M32C/8B Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 406 page
background image
Under development
M32C/8B Group
25. Usage Notes
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 367 of 385
25.5.4.3
Suggestions to Reduce Power Consumption
The followings are suggestions to reduce power consumption when programming or designing systems.
Ports:
Through current may flow into floating input pins. Set unassigned pins to input mode and connect them to
VSS via a resistor (pull down), or set unassigned pins to output mode and leave them open.
A/D converter:
When the A/D conversion is not performed, set the VCUT bit in the AD0CON1 register to 0 (VREF not
connected). When the A/D conversion is performed, set the VCUT bit to 1 (VREF connection) and wait
1
μs or more to start the A/D conversion.
D/A converter:
When the D/A conversion is not performed, set the DAiE bit (i = 0, 1) in the DACON register to 0 (output
disabled) and the DAi register to 00h.
Peripheral function clock stop:
When entering wait mode from main clock mode, on-chip oscillator mode, or on-chip oscillator low-power
consumption mode, power consumption can be reduced by setting the CM02 bit in the CM0 register to 1 to
stop peripheral function clock source (fPFC). However, fC32 does not stop by setting the CM02 bit to 1.
In low-speed mode or low-power consumption mode, do not set the CM02 bit to 1 (peripheral clock stops
in wait mode) when entering wait mode.
(Technical update: TN-M16C-69-0104)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com