Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 386 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 386 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 382Page - Renesas Technology Corp M32C/8B Datasheet HTML 383Page - Renesas Technology Corp M32C/8B Datasheet HTML 384Page - Renesas Technology Corp M32C/8B Datasheet HTML 385Page - Renesas Technology Corp M32C/8B Datasheet HTML 386Page - Renesas Technology Corp M32C/8B Datasheet HTML 387Page - Renesas Technology Corp M32C/8B Datasheet HTML 388Page - Renesas Technology Corp M32C/8B Datasheet HTML 389Page - Renesas Technology Corp M32C/8B Datasheet HTML 390Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 406 page
background image
Under development
M32C/8B Group
25. Usage Notes
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 369 of 385
25.7
Interrupts
25.7.1
ISP Setting
After reset, ISP is initialized to 000000h. The program may go out of control if an interrupt is acknowledged
before setting a value to ISP. Therefore, ISP must be set before any interrupt request is acknowledged. Setting
ISP to an even address allows interrupt sequences to be executed at a higher speed.
To use the NMI interrupt, set ISP at the very beginning of the program. The NMI interrupt can be
acknowledged after the first instruction has been executed after reset.
25.7.2
NMI Interrupt
• The NMI interrupt cannot be disabled. Connect the NMI pin to VCC1 via a resistor (pull-up) when not in
use.
• The P8_5 bit in the P8 register indicates the voltage level applied to the NMI pin. Read the P8_5 bit only to
determine the pin level after the NMI interrupt occurs.
25.7.3
INT Interrupt
• Edge Sensitive
Each “H” or “L” width of the signal applied to pins INT0 to INT5 must be 250 ns or more regardless of
the CPU clock frequency.
• Level Sensitive
Each “H” or “L” width of the signal applied to pins INT0 to INT5 must be one CPU clock cycle + 200 ns
or more. For example, each “H” or “L” width must be 234 ns or more if the CPU clock is 30 MHz.
• The IR bit in the INTiIC register (i = 0 to 5) may become 1 (interrupt requested) when the polarity settings
of pins INT0 to INT5 are changed. Set the IR bit to 0 (interrupt not requested) after the polarity setting is
changed.
Figure 25.3 shows a procedure to set the INTi interrupt source (i = 0 to 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com