Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 390 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 390 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 386Page - Renesas Technology Corp M32C/8B Datasheet HTML 387Page - Renesas Technology Corp M32C/8B Datasheet HTML 388Page - Renesas Technology Corp M32C/8B Datasheet HTML 389Page - Renesas Technology Corp M32C/8B Datasheet HTML 390Page - Renesas Technology Corp M32C/8B Datasheet HTML 391Page - Renesas Technology Corp M32C/8B Datasheet HTML 392Page - Renesas Technology Corp M32C/8B Datasheet HTML 393Page - Renesas Technology Corp M32C/8B Datasheet HTML 394Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 406 page
background image
Under development
M32C/8B Group
25. Usage Notes
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 373 of 385
25.9
Timers
25.9.1
Timer A, Timer B
Timers are stopped after reset. Set the TAiS (i = 0 to 4) or TBjS (j = 0 to 5) bit in the TABSR or TBSR register
to 1 (count starts) after setting timer operating mode, count source, and counter value.
Change the following registers and bits while the corresponding timer is stopped (the TAiS or TBjS bit is set to
0 (count stops)).
Registers TAiMR and TBjMR
UDF register
Bits TAZIE, TA0TGL, and TA0TGH in the ONSF register
TRGSR register
25.9.2
Timer A
25.9.2.1
Timer A (Timer Mode)
The TAiS bit (i = 0 to 4) in the TABSR register is set to 0 (count stops) after reset. Set the TAiS bit to 1
(count starts) after selecting timer operating mode and setting the TAi register.
The TAi register indicates a counter value while counting at any given time. However, FFFFh can be read
in the reload timing. When the TAi register is set while a counter is stopped, the setting value can be read
until a counter is started.
25.9.2.2
Timer A (Event Counter Mode)
The TAiS bit (i = 0 to 4) is set to 0 (count stops) after reset. Set the TAiS bit to 1 (count starts) after
selecting timer operating mode and setting the TAi register.
The TAi register indicates a counter value while counting at any given time. In the reload timing, however,
FFFFh can be read if the timer underflows, or 0000h if the timer overflows. When the TAi register is set
while the counter is stopped, the setting value can be read until a counter is started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com