Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 389 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 389 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 385Page - Renesas Technology Corp M32C/8B Datasheet HTML 386Page - Renesas Technology Corp M32C/8B Datasheet HTML 387Page - Renesas Technology Corp M32C/8B Datasheet HTML 388Page - Renesas Technology Corp M32C/8B Datasheet HTML 389Page - Renesas Technology Corp M32C/8B Datasheet HTML 390Page - Renesas Technology Corp M32C/8B Datasheet HTML 391Page - Renesas Technology Corp M32C/8B Datasheet HTML 392Page - Renesas Technology Corp M32C/8B Datasheet HTML 393Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 406 page
background image
Under development
M32C/8B Group
25. Usage Notes
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 372 of 385
25.8
DMAC
• Set the DMAC-associated registers while bits MDi1 and MDi0 (i = 0 to 3) in the channel i are set to 00b (DMA
disabled). Then, set bits MDi1 and MDi0 to 01b (single transfer) or 11b (repeat transfer) at the end of the setup
procedure, which enables the DMA request of the channel i to be acknowledged.
• Write a 1 (requested) to the DRQ bit when setting the DMiSL register.
In the M32C/80 Series, if a DMA request is generated but a receiving channel is not ready(1), a DMA transfer does
not occur and the DRQ bit becomes 0.
NOTE:
1. Bits MDi1 and MDi0 are set to 00b or the DCTi register is 0000h (transferred 0 time).
• To start a DMA transfer using a software trigger, set bits DSR and DRQ in the DMiSL register to 1
simultaneously.
e.g.,
OR.B #0A0h, DMiSL
; set bits DSR and DRQ to 1 simultaneously
• While the DCTi register in the channel i is set to 1, do not generate a DMA request in the channel i in the timing
that bits MDi1 and MDi0 in the DMDj register (j = 0, 1) corresponding to the channel i are set to 01b (single
transfer) or 11b (repeat transfer). (Technical update: TN-M16C-88-0209)
• Select a peripheral function used as a DMA request source after setting the DMA-associated registers. When the
INT interrupt is selected as a DMA request source, do not set the DCTi register to 1.
• Wait six CPU clock cycles or more by a program to enable DMA after setting the DMiSL register(2).
NOTE:
2. To enable DMA means changing bits MDi1 and MDi0 in the DMDj register from 00b (DMA disabled)
to 01b (single transfer) or 11b (repeat transfer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com