Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 392 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 388Page - Renesas Technology Corp M32C/8B Datasheet HTML 389Page - Renesas Technology Corp M32C/8B Datasheet HTML 390Page - Renesas Technology Corp M32C/8B Datasheet HTML 391Page - Renesas Technology Corp M32C/8B Datasheet HTML 392Page - Renesas Technology Corp M32C/8B Datasheet HTML 393Page - Renesas Technology Corp M32C/8B Datasheet HTML 394Page - Renesas Technology Corp M32C/8B Datasheet HTML 395Page - Renesas Technology Corp M32C/8B Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 406 page
background image
Under development
M32C/8B Group
25. Usage Notes
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 375 of 385
25.9.3
Timer B
25.9.3.1
Timer B (Timer Mode, Event Counter Mode)
The TBiS bit (i = 0 to 5) in the TABSR or TBSR register is set to 0 (count stops) after reset. Set the TBiS
bit to 1 (count starts) after selecting timer operating mode and setting the TBi register.
Bits TB2S to TB0S are bits 7 to 5 in the TABSR register. Bits TB5S to TB3S are bits 7 to 5 in the TBSR
register.
The TBi register indicates a counter value while counting at any given time. However, FFFFh can be read
in the reload timing. When the TBi register is set while a counter is stopped, the setting value can be read
until a counter is started.
25.9.3.2
Timer B (Pulse Period/Pulse Width Measurement Mode)
To set the MR3 bit to 0 (no overflow has occurred), wait for one or more count source cycles to write to the
TBiMR register after the MR3 bit becomes 1, while the TBiS bit is set to 1.
(Technical update: TN-M16C-75-0110)
Use the IR bit in the TBiIC register to detect overflow. The MR3 bit is used only to determine an interrupt
request source within the interrupt routine.
When the first valid edge is input after the count starts, an undefined value is transferred to the reload
register. At this time, the timer Bi interrupt request is not generated.
The counter value is undefined when the count starts. Therefore, the MR3 bit may become 1 (overflow) and
causes a timer Bi interrupt request to be generated before a valid edge is input.
The IR bit may become 1 (interrupt requested) by changing bits MR1 and MR0 in the TBiMR register after
the count starts. If the same value is written to bits MR1 and MR0, the IR bit is not changed.
Pulse width is repeatedly measured in pulse width measurement mode. Determine by a program whether
the measurement result is high (“H”) or low (“L”).
If an overflow and a valid edge input occur simultaneously in pulse period measurement mode, an interrupt
request is generated only once, which results in the valid edge not being recognized. Do not let an overflow
occur.
In pulse width measurement mode, determine whether an interrupt source is a valid edge input or an
overflow by reading the port level in the TBi interrupt routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com