Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 396 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 396 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 392Page - Renesas Technology Corp M32C/8B Datasheet HTML 393Page - Renesas Technology Corp M32C/8B Datasheet HTML 394Page - Renesas Technology Corp M32C/8B Datasheet HTML 395Page - Renesas Technology Corp M32C/8B Datasheet HTML 396Page - Renesas Technology Corp M32C/8B Datasheet HTML 397Page - Renesas Technology Corp M32C/8B Datasheet HTML 398Page - Renesas Technology Corp M32C/8B Datasheet HTML 399Page - Renesas Technology Corp M32C/8B Datasheet HTML 400Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 406 page
background image
Under development
M32C/8B Group
25. Usage Notes
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 379 of 385
If an A/D conversion in progress is forcibly aborted by setting the ADST bit in the AD0CON0 register to 0
(A/D conversion stops), the A/D conversion result will be incorrect. The AD0j (j = 0 to 7) register which is not
performing A/D conversion may also be incorrect. If the ADST bit is set to 0 during A/D conversion, do not
use values obtained from any of AD0j registers.
When using DMAC operating mode in single sweep mode, repeat sweep mode 0, repeat sweep mode 1, multi-
port single sweep mode, or multi-port repeat sweep mode 0, do not input an external retrigger or hardware
retrigger. If a retrigger is input, the sequence of A/D conversions in progress is aborted and starts over from the
ANi_0 pin (i = none, 0, 2, 15). As a result, a pin and the conversion result of the pin transferred to the RAM do
not correspond to each other.
Do not read the AD00 register using instructions.
To abort an A/D conversion in progress by setting the ADST bit in the AD0CON0 register to 0 in single sweep
mode, disable interrupts before setting the ADST bit to 0.
(Technical update: TN-16C-132A/EA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com