Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 398 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 398 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 394Page - Renesas Technology Corp M32C/8B Datasheet HTML 395Page - Renesas Technology Corp M32C/8B Datasheet HTML 396Page - Renesas Technology Corp M32C/8B Datasheet HTML 397Page - Renesas Technology Corp M32C/8B Datasheet HTML 398Page - Renesas Technology Corp M32C/8B Datasheet HTML 399Page - Renesas Technology Corp M32C/8B Datasheet HTML 400Page - Renesas Technology Corp M32C/8B Datasheet HTML 401Page - Renesas Technology Corp M32C/8B Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 406 page
background image
Under development
M32C/8B Group
25. Usage Notes
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 381 of 385
25.14 Flash Memory
25.14.1 Operating Speed
Prior to accessing registers FMR0 to FMR3 or to entering CPU rewrite mode (EW0, EW1 mode), set the CPU
clock frequency to 10 MHz or lower using bits MCD4 to MCD0 in the MCD register, and also set the PM12 bit
in the PM1 register to 1 (1 wait state).
25.14.2 Prohibited Instructions
The following instructions cannot be used in EW0 mode because the flash memory is accessed by executing
these instructions: UND, INTO, JMPS, JSRS, and BRK instructions.
25.14.3 Interrupts (EW0 Mode)
To use peripheral function interrupts, place interrupt routine programs and the relocatable vector table in the
RAM area.
When an interrupt request is generated by the NMI, watchdog timer, voltage monitor interrupt, or oscillation
stop detect function, registers FMR0, FMR1, and FMR3 are forcibly initialized and the erase or program
operation in progress is aborted. Now that the flash memory can be accessed, the interrupt routine will be
executed.
The address match interrupt is not available because the flash memory is accessed to process this interrupt.
25.14.4 Interrupts (EW1 Mode)
Do not generate a peripheral function interrupt or a DMA or DMACII transfer during an erase or program
operation.
When an interrupt request is generated by the NMI, watchdog timer (when the PM22 bit is set to 1), voltage
monitor interrupt, or oscillation stop detect function, registers FMR0, FMR1, and FMR3 are forcibly initialized
and the erase or program operation in progress is aborted. Now that the flash memory can be accessed, the
interrupt routine will be executed.
25.14.5 How to Access
To set the FMR01 or FMR02 bit in the FMR0 register to 1, write a 1 immediately after writing a 0 to the bit.
Write to the FMR0 register in 8-bit units. Do not generate an interrupt or a DMA or DMACII transfer between
these two settings. Also, set these bits while a high-level (“H”) signal is applied to the NMI pin.
To change the FMR01 bit from 1 to 0, enter read array mode first, and then write into address 0057h in 16-bit
units. Set the eight high-order bits to 00h.
25.14.6 Rewriting User ROM Area (EW0 Mode)
If the supply voltage drops while rewriting the block where a rewrite control program is stored, it may not be
possible to rewrite the flash memory again, because the rewrite control program is not rewritten successfully. If
this happens, use standard serial I/O mode to rewrite the block.
25.14.7 Rewriting User ROM Area (EW1 Mode)
Do not rewrite a block where the rewrite control program is stored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com