Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 399 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 399 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 395Page - Renesas Technology Corp M32C/8B Datasheet HTML 396Page - Renesas Technology Corp M32C/8B Datasheet HTML 397Page - Renesas Technology Corp M32C/8B Datasheet HTML 398Page - Renesas Technology Corp M32C/8B Datasheet HTML 399Page - Renesas Technology Corp M32C/8B Datasheet HTML 400Page - Renesas Technology Corp M32C/8B Datasheet HTML 401Page - Renesas Technology Corp M32C/8B Datasheet HTML 402Page - Renesas Technology Corp M32C/8B Datasheet HTML 403Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 406 page
background image
Under development
M32C/8B Group
25. Usage Notes
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 382 of 385
25.14.8 Boot Mode
When starting up in boot mode, input pins may not be placed in high-impedance states until the internal supply
voltage stabilizes. Use the following procedure to power up in boot mode.
(1) Input an “L” signal to the RESET pin and CNVSS pin
(2) Wait for td(P-R) (internal power supply stabilization time) or more after the voltage applied to the
VCC1 pin rises above 3.0 V
(3) Input an “L” (pull-down) to the P6_5 or an “H” (pull-up) to the P6_7
(4) Input an “L” (pull-down) to the EPM (P5_5) and an “H” (pull-up) to the CE (P5_0)
(5) Input an “H” to the CNVSS pin
(6) Input an “H” to the RESET pin (out of reset)
25.14.9 Writing Command and Data
Write command codes and data to even addresses in the user ROM area.
25.14.10 Block Erase
If an erase operation in progress is aborted due to such as the NMI interrupt, hardware reset, or supply voltage
drop, the lock bit or protect bit of the block which has been erased may become 0 (locked/protected). To erase
the same block again, set the FMR02 bit in the FMR0 register to 1 (lock bit disabled) and then execute the block
erase command.
25.14.11 Wait Mode
To enter wait mode, set the FMR01 bit in the FMR0 register to 0 (CPU rewrite mode disabled) and then execute
the WAIT instruction.
25.14.12 Stop Mode
To enter stop mode, use the following procedure:
• Set the FMR01 bit to 0 (CPU rewrite mode disabled) before setting the CM10 bit to 1 (stop mode).
• Execute the JMP.B instruction right after the instruction to set the CM10 bit to 1 (stop mode).
e.g.,
BSET
0,
CM1
; Stop mode
JMP.B
L1
L1:
Program after exiting stop mode
25.14.13 Low-Power Consumption Mode and On-Chip Oscillator Low-Power
Consumption Mode
When the CM05 bit in the CM0 register is set to 1 (main clock stopped), do not execute the following
commands:
• Program command
• Block erase command
• Lock bit program command
• Read lock bit status command
• Protect bit program command
• Read protect bit status command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com