Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 403 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 403 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 398Page - Renesas Technology Corp M32C/8B Datasheet HTML 399Page - Renesas Technology Corp M32C/8B Datasheet HTML 400Page - Renesas Technology Corp M32C/8B Datasheet HTML 401Page - Renesas Technology Corp M32C/8B Datasheet HTML 402Page - Renesas Technology Corp M32C/8B Datasheet HTML 403Page - Renesas Technology Corp M32C/8B Datasheet HTML 404Page - Renesas Technology Corp M32C/8B Datasheet HTML 405Page - Renesas Technology Corp M32C/8B Datasheet HTML 406Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 403 / 406 page
background image
C - 1
REVISION HISTORY
M32C/8B Group Hardware Manual
Rev.
Date
Description
Page
Summary
0.10
May 15, 2008
First Edition issued
0.50
Oct 31, 2008
3, 5
17
Overview
• Table 1.2, 1.4 Specifications Current consumption added, modified
• Table 1.13 Pin Functions (3/3) A/D converter
AN0_0 to AN0_7, AN2_0 to AN2_7 supply voltage changed to VCC2
23
27
Special Function Registers (Suffers)
• Table 4.2 Note is added to Page mode wait control register 0, 1
• Table 4.7 Address changed from “044Ch” to “034Ch”
35
Reset
• Table 5.1 Note 4 changed from “P5_5(EPM)” to “EPM(P5_5)”
38
Power Supply Voltage Monitor Function
• Figure 6.3 DVCR register Note 2: Vdet(F), Vdet(R) values are added
69
84
84
90
93
Clock Generation Function
• Figure 9.4 MCD Register Note 2 modified
• 9.5.1.3 Low-Speed Mode Text revised
• 9.5.1.4 Low-Power Consumption Mode Text revised
• Table 9.8 “the clock input to the CLKi pin (i = 0 to 6)” changed to “the
external clock”
• Figure 9.19 Note 1 text revised
99
108
110
Interrupts
• 11.5.1 Fixed Vector Table Text revised
• Figure 11.8 Diagram on the right: text changed from “Stack state before...”
to “Stack state after...”
• Figure 11.10 “Interrupt request level determination output” changed to
“Request signal used to wake-up from wait mode/stop mode”
185
Three-Phase Motor Control Timer Function
• Figure 16.7 TB2SC register Note 1 deleted
201
202
218-247
248
Serial Interfaces
• Figure 17.5 DINC bit changed from “Serial input pin..” to “Serial I/O pin..”
• Figure 17.6 UiSMR4 register Note 5 added
• Figure 17.11 to 17.32 Flow charts: “Initial setting start” to “Start”, “Initial
setting end” to “End”
• Figure 17.33 (2) Text changed to “TXDi pin outputs “L” level since...”
263
267
A/D Converter
• Table 18.8 Start condition “retrigger of external trigger is invalid” deleted
• Table 18.11 Note 2 revised
• 18.2.4 Text modified, added
281-283
Programmable I/O Ports
• Figures 22.1 to 22.3 Figures modified
308
311
315
317
Flash Memory
• 23.6.1 CPU Rewrite Mode text added
• Table 23.5 Read protect bit status, 2nd bus cycle changed “BA1” to “PBA”
• Figure 23.12 Note 3 and 4 added
• (9) Text changed from “any even address” to “the protect bit address”
“The flash memory enters...by reading a protect bit address.” added
• Figure 23.14 Text changed from “any even address” to “protect bit
address”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com