Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 400 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 400 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 396Page - Renesas Technology Corp M32C/8B Datasheet HTML 397Page - Renesas Technology Corp M32C/8B Datasheet HTML 398Page - Renesas Technology Corp M32C/8B Datasheet HTML 399Page - Renesas Technology Corp M32C/8B Datasheet HTML 400Page - Renesas Technology Corp M32C/8B Datasheet HTML 401Page - Renesas Technology Corp M32C/8B Datasheet HTML 402Page - Renesas Technology Corp M32C/8B Datasheet HTML 403Page - Renesas Technology Corp M32C/8B Datasheet HTML 404Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 406 page
background image
Under development
M32C/8B Group
Appendix 1. Package Dimensions
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 383 of 385
Appendix 1.
Package Dimensions
Terminal cross section
b1
bp
1.0
0.125
0.20
1.25
1.25
0.08
0.20
0.145
0.09
0.27
0.22
0.17
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
20.1
20.0
19.9
D
20.1
20.0
19.9
E
1.4
A2
22.2
22.0
21.8
22.2
22.0
21.8
1.7
A
0.15
0.1
0.05
0.65
0.5
0.35
L
x
c
0.5
e
0.10
y
HD
HE
A1
bp
b1
c1
ZD
ZE
L1
P-LQFP144-20x20-0.50
1.2g
MASS[Typ.]
144P6Q-A / FP-144L / FP-144LV
PLQP0144KA-A
RENESAS Code
JEITA Package Code
Previous Code
F
1
36
37
72
73
108
109
144
*1
*3
x
Index mark
y
D
HD
bp
ZD
Detail F
L
L1
2.
1.
DIMENSIONS "
*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "
*3" DOES NOT
INCLUDE TRIM OFFSET.
e
Terminal cross section
b1
bp
2.
1.
DIMENSIONS "
*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "
*3" DOES NOT
INCLUDE TRIM OFFSET.
y
Index mark
x
125
26
50
51
75
76
100
F
*1
*3
ZD
D
HD
bp
Detail F
L1
L
L1
ZE
ZD
c1
b1
bp
A1
HE
HD
y
0.08
e
0.5
c
x
L
0.35
0.5
0.65
0.05
0.1
0.15
A
1.7
15.8
16.0
16.2
15.8
16.0
16.2
A2
1.4
E
13.9
14.0
14.1
D
13.9
14.0
14.1
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.15
0.20
0.25
0.09 0.145 0.20
0.08
1.0
1.0
0.18
0.125
1.0
Previous Code
JEITA Package Code
RENESAS Code
PLQP0100KB-A
100P6Q-A / FP-100U / FP-100UV
MASS[Typ.]
0.6g
P-LQFP100-14x14-0.50
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com